Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LWH1026 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. LWH1026
Description  LED Chip, Zener Diode
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

LWH1026 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4/16
LWH1026
(3) Color Ranks
(IF=20mA, Ta=25℃)
Rank b5
Rank b6
x
0.296
0.287
0.307
0.311
x
0.311
0.307
0.330
0.330
y
0.276
0.295
0.315
0.294
y
0.294
0.315
0.339
0.318
Rank b7
Rank b8
x
0.291
0.279
0.302
0.308
x
0.308
0.302
0.319
0.321
y
0.257
0.276
0.302
0.279
y
0.279
0.302
0.318
0.294
* Color Coordinates Measurement allowance is ±0.01.
0.35
0.30
0.25
0.25
0.30
0.35
b7
b8
b5
b6


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPZ18Zener Diode 0.5 Watt Zener Diode Chip 1 2 Central Semiconductor Corp
CPZ19Zener Diode 0.5 Watt Zener Diode Chip 1 2 Central Semiconductor Corp
TDZ30Zener diode 1 2 3 4 5 Rohm
LN1261CSurface Mounting Chip LED 1 Panasonic Semiconductor
LNJ211R8ARASurface Mounting Chip LED 1 Panasonic Semiconductor
1N3821A1 WATT ZENER DIODE 1 2 Compensated Deuices Incorporated
CD746AZENER DIODE CHIPS 1 2 Compensated Deuices Incorporated
CLL4614500mW LOW NOISE ZENER DIODE 5% TOLERANCE 1 2 Central Semiconductor Corp
LT1550WFull Color Dot Matrix LED Unit for Indoor Use Chip Type 1 2 Sharp Electrionic Components
LT1W92A3030 Size 1.1mm Thickness MID* Type Full Color Leadless Chip LED Device 1 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn