Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LWH1026 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. LWH1026
Description  LED Chip, Zener Diode
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

LWH1026 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2/16
LWH1026
1. Features
• Package : Transparency SMD Side View Type
• 4.0 × 1.4 × 0.8 mm(L×W×H) small size surface mount type
• Viewing angle : extremely wide(110˚)
• Technology : InGaN
• Soldering methods : IR reflow soldering
• Taping : 12 mm conductive black carrier tape & antistatic clear cover tape
3,500pcs/reel, Φ180 mm whee
l
2. Package Outline Dimensions and Materials
(1) Material Construction
Number
Item
Material
1
LED Chip
InGaN
2
Zener Diode
Silicon
3
Wire
Au Wire
4
Lead Frame
Copper Alloy/Ni/Ag Plating
5
Encapsulating Resin
Transparent encapsulation + Phosphor
General Tolerance : ±0.1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CPZ18Zener Diode 0.5 Watt Zener Diode Chip 1 2 Central Semiconductor Corp
CPZ19Zener Diode 0.5 Watt Zener Diode Chip 1 2 Central Semiconductor Corp
TDZ30Zener diode 1 2 3 4 5 Rohm
LN1261CSurface Mounting Chip LED 1 Panasonic Semiconductor
LNJ211R8ARASurface Mounting Chip LED 1 Panasonic Semiconductor
1N3821A1 WATT ZENER DIODE 1 2 Compensated Deuices Incorporated
CD746AZENER DIODE CHIPS 1 2 Compensated Deuices Incorporated
CLL4614500mW LOW NOISE ZENER DIODE 5% TOLERANCE 1 2 Central Semiconductor Corp
LT1550WFull Color Dot Matrix LED Unit for Indoor Use Chip Type 1 2 Sharp Electrionic Components
LT1W92A3030 Size 1.1mm Thickness MID* Type Full Color Leadless Chip LED Device 1 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn