Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX40010 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX40010
Description  76V Precision, High-Voltage, Current-Sense Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX40010 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
(VRS+ = VRS- = +36V, VDD = +3.3V, VSENSE = VRS+ - VRS- = 1mV, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at TA =+25°C)
SMALL-SIGNAL STEP RESPONSE
VIN
10mV/div
200μ s/div
0
20mV
200mV/div
VOUT
0
400mV
-20
0
20
40
60
80
100
120
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
AC CMRR vs. FREQUENCY
toc10
200mVP-P INPUT
VCM = 12V
GAIN = 20V/V
0
50
100
150
200
250
300
10
1000
100000
FREQUENCY (Hz)
INPUT VOLTAGENOISE DENSITY vs.
FREQUENCY
toc16
50% FS OUTPUT
-20
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
AC PSRR vs. FREQUENCY toc11
VDD =100mVP-P + 3.3VDC
50% FS OUTPUT
VCM = 12V
GAIN = 20V/V
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
TOTAL HORMONIC DISTORTION vs.
FREQUENCY
1VP-P OUTPUT
VDD = 5.0V, VCM = 2.7V
toc17
G = 20 V/V
-20
-15
-10
-5
0
5
10
15
20
25
30
0.001
0.01
0.1
1
10
100
1000
FREQUENCY (kHz)
GAIN vs.FREQUENCY
toc12
G = 20 V/V
VCM = 12V
LARGE-SIGNAL STEP RESPONSE
VIN
50mV/div
200μ s/div
0
120mV
1V/div
VOUT
0
2.4V
10k
Ω LOAD
SATURATION RECOVERY RESPONSE
VIN
200mV/div
2μ s/div
0
400mV
1V/div
VOUT
0
NO LOAD
TURN ON RESPONSE
2V/div
100mV/div
100ms/div
VDD
VOUT
toc18
V(RS+-RS-)= 0mV
MAX40010
76V Precision, High-Voltage,
Current-Sense Amplifier
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics (continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn