Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX40010 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX40010
Description  76V Precision, High-Voltage, Current-Sense Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX40010 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
VDD to GND .........................................................-0.3V to +6.0V
RS+, RS- to GND..................................................-0.3V to +80V
RS+ to RS- (Continuous) ....................................................±24V
Continuous (> 1s) Input Current (Any Pin).......................±10mA
Operating Temperature Range......................... -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Reflow Soldering Peak Temperature (Pb-free) ...............+260°C
6-Bump WLP
Continuous Power Dissipation
(Derate mW/°C above +70°C).................................12.34mW
Junction-to-Ambient Thermal Resistance (θJA) .....81.03°C/W
6-Pin SOT23
Continuous Power Dissipation
(Derate mW/°C above +70°C).................................13.40mW
Junction-to-Ambient Thermal Resistance (θJA) .....74.60°C/W
Junction-to-Case Thermal Resistance (θJC)..............6.0°C/W
(Note 1)
(VRS+ = VRS- = +36V, VDD = +3.3V, VSENSE = VRS+ -VRS- = 1mV, TA = -40°C to +125°C unless otherwise noted. Typical values are
at TA =+25°C). (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Voltage
VDD
Guaranteed by PSRR
2.7
5.5
V
Supply Current
IDD
TA = +25°C
350
µA
-40°C < TA < +125°C
800
Power-Supply Rejection Ratio
PSRR
2.7V ≤ VDD ≤ 5.5V
110
120
dB
Input Common-Mode Voltage
Range
VCM
Guaranteed by CMRR
2.7
76
V
Input Bias Current at VRS+
and VRS-
IRS+, IRS-
65
µA
Input Offset Current
IRS+ - IRS-
400
nA
Input Leakage Current
IRS+, IRS-
VDD = 0V, VRS+ = 76V
5
µA
Common-Mode Rejection Ratio
CMRR
+4.5V < VRS+ < +76V
125
140
dB
Input Offset Voltage
VOS
TA = +25°C
±12
µV
-40°C ≤ TA ≤ +85°C
±25
-40°C ≤ TA ≤ +125°C
±25
Input Offset Voltage Drift
TCVOS
130
nV/°C
Input Sense Voltage
VSENSE
MAX40010L (G = 12.5V/V)
200
mV
MAX40010T (G = 20V/V)
125
MAX40010F (G = 50V/V)
50
MAX40010H (G=100V/V)
25
MAX40010
76V Precision, High-Voltage,
Current-Sense Amplifier
www.maximintegrated.com
Maxim Integrated │ 2
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Package Thermal Characteristics
Electrical Characteristics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn