Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX40010 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX40010
Description  76V Precision, High-Voltage, Current-Sense Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX40010 Datasheet(HTML) 12 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
*Future Product—Contact factory for availability.
+Denotes a lead(Pb)-free/RoHS-compliant package.
PART
GAIN(V/V)
TEMP RANGE
PIN-PACKAGE
TOP-MARK
MAX40010LAUT+
12.5
-40
°C to +125°C
6 SOT23
+ACUR
MAX40010LAWT+*
12.5
-40
°C to +125°C
6 WLP
+DX
MAX40010TAUT+
20
-40
°C to +125°C
6 SOT23
+ACUS
MAX40010TAWT+*
20
-40
°C to +125°C
6 WLP
+DY
MAX40010FAUT+
50
-40
°C to +125°C
6 SOT23
+ACUT
MAX40010FAWT+*
50
-40
°C to +125°C
6 WLP
+DV
MAX40010HAUT+
100
-40
°C to +125°C
6 SOT23
+ACUU
MAX40010HAWT+*
100
-40
°C to +125°C
6 WLP
+DW
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
6 WLP
W61K1+1
21-100121
Refer to
Application Note 1891
6 SOT23
U6SN+1
21-0058
91-0175
MAX40010
76V Precision, High-Voltage,
Current-Sense Amplifier
www.maximintegrated.com
Maxim Integrated │ 12
Package Information
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Ordering Information


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn