Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX40010 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX40010
Description  76V Precision, High-Voltage, Current-Sense Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX40010 Datasheet(HTML) 11 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Turn On/Off Response
The internal POR (Power on Reset) structure creates the
inadvertent glitch, as shown in TOC18 and TOC19: typical
turn on and turn off response of MAX40010. The internal
POR event takes place below minimum VCC supply voltage
(2.7V) around 1.7V. During this event the bias generators
are defined, the internal blocks are set to known state
and as a result, an output (VOUT) glitch is observed. The
device may take tens of μs to settle to final value during
power on and less than 10ms to settle during turn off.
Output Filtering
To avoid output noise and transient overshoot, an RC
filter with R = 500Ω and CL = 14.7nF at the output is
recommended (Figure 3). This also benefits when the
current sense amplifier is connected to a sample and hold
ADC’s, where the CL will act as a charge reservoir during
sample phase. when choosing different values of R and
CL, refer to TOC20 (Stability vs. Isolation Resistance and
Capacitive Load) for more information.
Figure 3. Optional Output Filtering
R = 500
Ω
CL = 14.7nF
R = 10k
Ω
(OPTIONAL)
RS+
RS-
MAX40010
MAX40010
76V Precision, High-Voltage,
Current-Sense Amplifier
www.maximintegrated.com
Maxim Integrated │ 11


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn