Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX40010 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX40010
Description  76V Precision, High-Voltage, Current-Sense Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX40010 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX40010 Datasheet HTML 3Page - Maxim Integrated Products MAX40010 Datasheet HTML 4Page - Maxim Integrated Products MAX40010 Datasheet HTML 5Page - Maxim Integrated Products MAX40010 Datasheet HTML 6Page - Maxim Integrated Products MAX40010 Datasheet HTML 7Page - Maxim Integrated Products MAX40010 Datasheet HTML 8Page - Maxim Integrated Products MAX40010 Datasheet HTML 9Page - Maxim Integrated Products MAX40010 Datasheet HTML 10Page - Maxim Integrated Products MAX40010 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PIN
NAME
FUNCTION
WLP
SOT23
B1
5
RS+
External Resistor Power-Side Connection Input
A1
6
RS-
External Resistor Load-Side Connection Input
A3
4
VDD
Supply Voltage Input
B2
2
GND
Ground or Supply Return Input
B3
3
OUT
Output. Output is proportional to the magnitude of differential sense input voltage.
A2
1
NC
No Connect.
A1
B1
A2
B2
A3
B3
+
MAX40010
WLP
RS-
NC
VDD
RS+
GND
OUT
MAX40010
SOT23-6
TOP VIEW
GND
OUT
1
NC
2
3
VDD
6 RS-
5 RS+
+
4
MAX40010
76V Precision, High-Voltage,
Current-Sense Amplifier
www.maximintegrated.com
Maxim Integrated │ 7
Pin Configurations
Pin Description


Similar Part No. - MAX40010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010 Datasheet
691Kb / 6P
   Precision, Real-Time Current Monitoring
Rev 0; 10/16
MAX40010EVKIT MAXIM-MAX40010EVKIT Datasheet
691Kb / 6P
   Precision, Real-Time Current Monitoring
Rev 0; 10/16
MAX40010EVKIT# MAXIM-MAX40010EVKIT# Datasheet
691Kb / 6P
   Precision, Real-Time Current Monitoring
Rev 0; 10/16
MAX40010FAUT++ MAXIM-MAX40010FAUT+ Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010FAUT+T MAXIM-MAX40010FAUT+T Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
More results

Similar Description - MAX40010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX40201 MAXIM-MAX40201_V01 Datasheet
795Kb / 12P
   Dual-Channel, 0V to 76V Current-Sense Amplifier
2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com