Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX40010 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX40010
Description  76V Precision, High-Voltage, Current-Sense Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX40010 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
(VRS+ = VRS- = +36V, VDD = +3.3V, VSENSE = VRS+ - VRS- = 1mV, TA = -40°C to +125°C, unless otherwise noted. Typical values are
at TA =+25°C)
TURN OFF RESPONSE
2V/div
100mV/div
20ms/div
VDD
VOUT
V(RS+-RS-)=0mV
toc19
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
CAPACITIVE LOAD (nF)
STABILITY vs. CAPACITIVE AND SERIES
ISOLATION RESISTOR
STABLE
UNSTABLE
Typical Operating Characteristics (continued)
MAX40010
76V Precision, High-Voltage,
Current-Sense Amplifier
Maxim Integrated │ 6
www.maximintegrated.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn