Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3770EUH Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3770EUH
Description  Synchronous Controller with Margining, Tracking and PLL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3770EUH Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3770EUH Datasheet HTML 6Page - Linear Technology LTC3770EUH Datasheet HTML 7Page - Linear Technology LTC3770EUH Datasheet HTML 8Page - Linear Technology LTC3770EUH Datasheet HTML 9Page - Linear Technology LTC3770EUH Datasheet HTML 10Page - Linear Technology LTC3770EUH Datasheet HTML 11Page - Linear Technology LTC3770EUH Datasheet HTML 12Page - Linear Technology LTC3770EUH Datasheet HTML 13Page - Linear Technology LTC3770EUH Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC3770
3770f
OPERATIO
Main Control Loop
The LTC3770 is a current mode controller for DC/DC
step-down converters. In normal operation, the top
MOSFET is turned on for a fixed interval determined by a
one-shot timer OST. When the top MOSFET is turned off,
the bottom MOSFET is turned on until the current com-
parator ICMP trips, restarting the one-shot timer and initi-
ating the next cycle. Inductor current is determined by
sensing the voltage between the SENSE(PGND on G
Package) and SENSE+ (SW on G Package) pins using a
sense resistor or the bottom MOSFET on-resistance . The
voltage on the ITH pin sets the comparator threshold
corresponding to inductor valley current. The error ampli-
fier EA adjusts this voltage by comparing the feedback
signal VFB from a reference voltage set by the VREFIN pin.
If the load current increases, it causes a drop in the
feedback voltage relative to the reference. The ITH voltage
then rises until the average inductor current again matches
the load current.
At low load currents, the inductor current can drop to zero
and become negative. This is detected by current reversal
comparator IREV which then shuts off M2, resulting in
discontinuous operation. Both switches will remain off
with the output capacitor supplying the load current until
the ITH voltage rises above the zero current level (0.75V)
to initiate another cycle. Discontinuous mode operation is
disabled by comparator F when the FCB pin is brought
below 0.6V, forcing continuous synchronous operation.
The operating frequency is determined implicitly by the
top MOSFET on-time and the duty cycle required to
maintain regulation. The one-shot timer generates an on-
time that is proportional to the ideal duty cycle, thus
holding frequency approximately constant with changes
in VIN. The nominal frequency can be adjusted with an
external resistor RON.
For applications with stringent constant frequency re-
quirements, the LTC3770 can be synchronized with an
external clock. By programming the nominal frequency of
the LTC3770 the same as the external clock frequency, the
LTC3770 behaves as a constant frequency part against the
load and supply variations.
Overvoltage and undervoltage comparators OV and UV
pull the PGOOD output low if the output feedback voltage
exits a ±10% window around the regulation point after the
internal 25µs power bad mask timer expires. Furthermore,
in an overvoltage condition, M1 is turned off and M2 is
turned on immediately and held on until the overvoltage
condition clears.
Foldback current limiting is provided if the output is
shorted to ground. As VFB drops, the buffered current
threshold voltage ITHB is pulled down and clamped to
0.9V. This reduces the inductor valley current level to one
tenth of its maximum value as VFBapproaches0V.Foldback
current limiting is disabled at start-up.
Pulling the RUN pin low forces the controller into its
shutdown state, turning off both M1 and M2. Forcing a
voltage above 1.5V will turn on the device.
INTVCC Power
Power for the top and bottom MOSFET drivers and most
of the internal controller circuitry is derived from the
INTVCC pin. The top MOSFET driver is powered from a
floating bootstrap capacitor CB. This capacitor is re-
charged from INTVCC through an external Schottky diode
DB when the top MOSFET is turned off. If the input voltage
is low and INTVCC drops below 3.2V, undervoltage
lockout circuitry prevents the power switches from
turning on.


Similar Part No. - LTC3770EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3770 LINER-LTC3770_15 Datasheet
272Kb / 24P
   Fast No RSENSE Step-Down Synchronous Controller with Margining, Tracking and PLL
More results

Similar Description - LTC3770EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3770 LINER-LTC3770_15 Datasheet
272Kb / 24P
   Fast No RSENSE Step-Down Synchronous Controller with Margining, Tracking and PLL
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601-1 LINER-LTM4601-1_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
   6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com