Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3770 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3770
Description  Synchronous Controller with Margining, Tracking and PLL
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3770 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3770 Datasheet HTML 5Page - Linear Technology LTC3770 Datasheet HTML 6Page - Linear Technology LTC3770 Datasheet HTML 7Page - Linear Technology LTC3770 Datasheet HTML 8Page - Linear Technology LTC3770 Datasheet HTML 9Page - Linear Technology LTC3770 Datasheet HTML 10Page - Linear Technology LTC3770 Datasheet HTML 11Page - Linear Technology LTC3770 Datasheet HTML 12Page - Linear Technology LTC3770 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC3770
3770f
80% • VREFIN
2.0V
0.5V
VRNG
1
+
+
+
7
31
ION
29 FCB
14 VIN
1µA
RON
VVON
IION
tON =
(10pF)
R
SQ
20k
ICMP
IREV
×
Q6
3.3µA
RUN
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
BG
ON
FCNT
F
0.6V
OV
1
240k
Q1
Q2
1.5V
ITH
RC
CC1
EA
SS
Q4
3
8
9
11
SGND
R2
R1
RUN
PGND
22
PGOOD
32
DRVCC
20
INTVCC
INTVCC
19
SW
25
TG
CB
VIN
CIN
BOOST
27
+
+
OV
UV
CVCC
VOUT
M2
M1
L1
COUT
DB
ITHB
VOUT
0.6V
4.8V
VON
RSENSE
(OPTIONAL)*
SENSE+
SENSE
23
24
SENSE+
SENSE
BG
M2
*CONNECTION W/O
SENSE RESISTOR
SW
PGND
(0.5~2)
VREFIN
R3
0.25V
+
+
VREFOUT
0.6V
REF
VIN
10K
90K
10K
+
5
MARGIN1
10
MPGM
1.18V
R4
TRACK/SS
12K
FOLDBACK
DISABLED
AT START-UP*
RUN 30
MARGIN0
6
VFB
4
2
PLLIN
PLLFLTR
PLL-SYNC
13
12
VINSNS
15
17
18
28
Z0
Z1
Z2
16
ZVIN
+
+
5V
REG
1.4µA
CSS
21
26
R
R
R
INTVCC
FU CTIO AL DIAGRA
(UH Package)
VON (Pin 31/Pin 2): On-Time Voltage Input. Connecting
this pin to the output voltage makes the on-time propor-
tional to VOUT. The comparator input defaults to 0.6V when
the pin is grounded and defaults to 4.8V when the pin is
tied to INTVCC.
PGOOD (Pin 32/Pin 3): Power Good Output. Open drain
logic output that is pulled to ground when the output
voltage is not within ±10% of the regulation point, after the
internal 25µs power bad mask timer expires.
Exposed Pad (Pin 33) UH Package: Signal Ground. Must
be soldered to the PCB ground for electrical contact and
optimum thermal performance.
PI FU CTIO S (UH Package/G Package)


Similar Part No. - LTC3770

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3770 LINER-LTC3770_15 Datasheet
272Kb / 24P
   Fast No RSENSE Step-Down Synchronous Controller with Margining, Tracking and PLL
More results

Similar Description - LTC3770

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3770 LINER-LTC3770_15 Datasheet
272Kb / 24P
   Fast No RSENSE Step-Down Synchronous Controller with Margining, Tracking and PLL
LTM4601A-1 LINER-LTM4601A-1_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601-1 LINER-LTM4601-1_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A_15 Datasheet
524Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601_15 Datasheet
946Kb / 30P
   12A Module Regulators with PLL, Output Tracking and Margining
LTM4603HV LINER-LTM4603HV_15 Datasheet
313Kb / 26P
   6A, 28VIN DC/DC Module with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601A LINER-LTM4601A Datasheet
365Kb / 28P
   12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4603 LINER-LTM4603 Datasheet
340Kb / 24P
   6A DC/DC 關Module with PLL, Output Tracking and Margining
LTM4601AHV LINER-LTM4601AHV Datasheet
356Kb / 28P
   12A, 28VIN DC/DC 關Module with PLL, Output Tracking and Margining
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com