Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3200 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3200
Description  DC/DC CONVERTERl
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3200 Datasheet(HTML) 3 Page - Linear Technology

  LTC3200 Datasheet HTML 1Page - Linear Technology LTC3200 Datasheet HTML 2Page - Linear Technology LTC3200 Datasheet HTML 3Page - Linear Technology LTC3200 Datasheet HTML 4Page - Linear Technology LTC3200 Datasheet HTML 5Page - Linear Technology LTC3200 Datasheet HTML 6Page - Linear Technology LTC3200 Datasheet HTML 7Page - Linear Technology LTC3200 Datasheet HTML 8Page - Linear Technology LTC3200 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3200/LTC3200-5
3
出力電圧と電源電圧
出力電圧と負荷電流
SUPPLY VOLTAGE (V)
2.7
5.15
5.10
5.05
5.00
4.95
4.90
4.85
3.0
3.3
3.6
3.9
3200 F01
4.2
4.5
CIN = COUT = CFLY = 1µF
IOUT = 20mA
TA = 85°C
TA = 25°C
TA = – 40°C
LOAD CURRENT (mA)
0
200
3200 G02
50
100
150
5.2
5.1
5.0
4.9
4.8
VIN = 2.7V
VIN = 3V
VIN = 3.2V
CIN = COUT = CFLY = 1µF
TA = 25°C
SUPPLY VOLTAGE (V)
2.7
6
5
4
3
3.0
3.3
3.6
3.9
3200 G03
4.5
4.2
CIN = COUT = CFLY = 1µF
VSHDN = VIN
TA = 85°C
TA = – 40°C
TA = 25°C
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
SUPPLY VOLTAGE (V)
2.7
3.0
3.3
3.6
3.9
3200 G04
4.5
4.2
TA = – 40°C
TA = 25°C
TA = 85°C
SUPPLY VOLTAGE (V)
2.7
3.0
3.3
3.6
3.9
3200 G05
4.5
4.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
TA = 85°C
TA = 25°C
TA = – 40°C
SUPPLY VOLTAGE (V)
2.7
250
200
150
100
3.0
3.3
3.6
3.9
3200 G07
4.5
4.2
CFLY = 1µF
TA = 25°C
VOUT = 0V
発振器周波数と電源電圧
VSHDNスレッショルド電圧と
電源電圧
効率と負荷電流
無負荷電源電流と電源電圧
短絡電流と電源電圧
LOAD CURRENT (mA)
100
90
80
70
60
50
40
30
110
100
3200 G06
CIN = COUT = CFLY = 1µF
TA = 25°C
VIN = 2.7V
VIN = 3.2V
VIN = 3.7V
VIN = 4.5V
標準的性能特性 (LTC3200-5)


Similar Part No. - LTC3200

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3200 LINER-LTC3200 Datasheet
193Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200 LINER-LTC3200 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LTC3200 LINER-LTC3200 Datasheet
185Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200-5 LINER-LTC3200-5 Datasheet
193Kb / 12P
   Low Noise, Regulated Charge Pump DC/DC Converters
LTC3200-5 LINER-LTC3200-5 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
More results

Similar Description - LTC3200

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
BM0750HV BOOKLY-BM0750HV Datasheet
807Kb / 3P
   DC-DC
logo
Sanyo Semicon Device
CPH5809 SANYO-CPH5809 Datasheet
56Kb / 5P
   DC / DC
logo
Wuxi Youda electronics ...
YD2368 YOUDA-YD2368 Datasheet
167Kb / 6P
   DC/DC
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Linkage Goston Electron...
SM32106E LINKAGE-SM32106E Datasheet
1Mb / 7P
   DC-DC-DC adjustable chip
logo
AIMTEC
AME5-VZ AIMTEC-AME5-VZ Datasheet
587Kb / 3P
   AC-DC / DC-DC Converter
AME25-CVZ AIMTEC-AME25-CVZ Datasheet
655Kb / 6P
   AC-DC / DC-DC Converter
AME25-MJZ AIMTEC-AME25-MJZ Datasheet
551Kb / 5P
   AC-DC / DC-DC Converter
AMEL10-CJZ AIMTEC-AMEL10-CJZ Datasheet
620Kb / 3P
   AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com