Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1732-8.4 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1732-8.4
Description  Lithium-Ion Linear Battery Charger Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1732-8.4 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1732-8.4 Datasheet HTML 3Page - Linear Technology LTC1732-8.4 Datasheet HTML 4Page - Linear Technology LTC1732-8.4 Datasheet HTML 5Page - Linear Technology LTC1732-8.4 Datasheet HTML 6Page - Linear Technology LTC1732-8.4 Datasheet HTML 7Page - Linear Technology LTC1732-8.4 Datasheet HTML 8Page - Linear Technology LTC1732-8.4 Datasheet HTML 9Page - Linear Technology LTC1732-8.4 Datasheet HTML 10Page - Linear Technology LTC1732-8.4 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1732-8.4
17328f
OPERATIO
The LTC1732-8.4 is a linear battery charger controller. The
charge current is programmed by the combination of a
program resistor (RPROG) from the PROG pin to ground
and a sense resistor (RSENSE) between the VCC and SENSE
pins. RPROG sets a program current through an internal
trimmed 800
Ω resistor setting up a voltage drop from VCC
to the input of the current amplifier (CA). The current
amplifier servos the gate of the external P-channel MOSFET
to force the same voltage drop across RSENSE which sets
the charge current. When the voltage at the BAT pin
approaches the preset float voltage, the voltage amplifier
(VA) will start sinking current which shrinks the voltage
drop across RSENSE, thus reducing the charge current.
A charge cycle begins when the potential at VCC pin rises
above the UVLO level and a program resistor is connected
from the PROG pin to ground. At the beginning of the
charge cycle, if the battery voltage is below 4.9V, the
charger goes into trickle charge mode. The trickle charge
current is 10% of the full-scale current. If the battery
voltage stays low for one quarter of the total charge time,
the charge sequence will terminate.
The charger goes into the fast charge constant-current
mode after the voltage on the BAT pin rises above 4.9V. In
constant-current mode, the charge current is set by the
combination of RSENSE and RPROG.
When the battery approaches the final float voltage, the
charge current will begin to decrease. When the current
drops to 10% of the full-scale charge current, an internal
comparator will turn off the pull-down N-channel MOSFET
at the CHRG pin and connect a weak current source to
ground to indicate an end-of-charge (C/10) condition.
An external capacitor on the TIMER pin sets the total
charge time. After a time-out occurs, the charge cycle is
terminated and the CHRG pin is forced to a high imped-
ance state. To restart the charge cycle, remove the input
voltage and reapply it, or float the PROG pin momentarily.
Replacing the battery while in the charge mode will cause
the timer to be reset if the voltage of the new battery is
below 8.05V. If the voltage is above 8.05V, the timer will
continue for the remaining charge time. In the case when
a time out has occurred, a new battery with a voltage of
less than 8.05V can be inserted and charged automatically
with the full programmed charge time.
For batteries like lithium-ion that require accurate final
float voltage, the internal 2.457V reference, voltage ampli-
fier and the resistor divider provide regulation with
±1%
(max) accuracy. For NiMH and NiCd batteries, the
LTC1732-8.4 can be used as a current source by pulling
the TIMER pin to VCC. When in the constant-current only
mode, the voltage amplifier, timer, C/10 comparator and
the trickle charge function are all disabled.
The charger can be shut down by floating the PROG
pin(ICC ≈ 1mA). An internal current source will pull this pin
high and clamp it at 3.5V.
When the input voltage is not present, the charger goes
into a sleep mode, dropping ICC to 10µA. This greatly
reduces the current drain on the battery and increases the
standby time.


Similar Part No. - LTC1732-8.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1732-8.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_00 Datasheet
151Kb / 8P
   Lithium-Ion Linear Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com