Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMG7520RPFC Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # LMG7520RPFC
Description  LCD MODULE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

LMG7520RPFC Datasheet(HTML) 5 Page - Hitachi Semiconductor

  LMG7520RPFC Datasheet HTML 1Page - Hitachi Semiconductor LMG7520RPFC Datasheet HTML 2Page - Hitachi Semiconductor LMG7520RPFC Datasheet HTML 3Page - Hitachi Semiconductor LMG7520RPFC Datasheet HTML 4Page - Hitachi Semiconductor LMG7520RPFC Datasheet HTML 5Page - Hitachi Semiconductor LMG7520RPFC Datasheet HTML 6Page - Hitachi Semiconductor LMG7520RPFC Datasheet HTML 7Page - Hitachi Semiconductor LMG7520RPFC Datasheet HTML 8Page - Hitachi Semiconductor LMG7520RPFC Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
4. ABSOLUTE MAXIMUM RATINGS
4.1 ELECTRICAL ABSOLUTE MAXIMUM RATINGS.
VSS=0V:STANDARD
ITEM
SYMBOL
MIN.
MAX.
UNIT
COMMENT
POWER SUPPLY FOR LOGIC
VDD-VSS
0
6.5
V
POWER SUPPLY FOR LC DRIVE
VDD-VEE
0
27.5
V
INPUT VOLTAGE
Vi
-0.3
VDD+0.3
V
NOTE 1
INPUT CURRENT
Ii
0
1
A
STATIC ELECTRICITY
-
-
100
-
NOTE 2
NOTE 1 :DISP.OFF,FRAME,LOAD,CP,D0~D3.
NOTE 2 :.MAKE CERTAINS YOU ARE GROUNDED WHEN HANDLING LCM.
4.2 ENVIRONMENTAL ABSOLUTE MAXIMUM RATINGS.
I T E M
OPERATING
STORAGE
COMMENT
MIN.
MAX.
MIN.
MAX.
AMBIENT TEMPERATURE
0
°C
NOTE6
40
°C
-20
°C
60
°C
NOTE 2,3
HUMIDITY
NOTE 1
NOTE 1
WITHOUT CONDENSATION
2.45m/s2
11.76m/s2
VIBRATION
-
(0.25G)
-
(1.2G)
NOTE 4
NOTE 5
SHOCK
29.4m/s2
490.0m/s2 XYZ DIRECTIONS
-
(3G)
-
(50G)
NOTE 5
CORROSIVE GAS
NOT ACCEPTABLE NOT ACCEPTABLE
NOTE 1 :Ta<=40
°C:85%RH max.
Ta> 40
°C:ABSOLUTE HUMIDITY MUST BE LOWER
THAN THE HUMIDITY OF 85%RH AT 40
°C.
NOTE 2 :Ta AT -20
°C ------ < 48HRS,AT 60°C ------< 168HRS.
NOTE 3 :BACKGROUND COLOR CHANGES SLIGHTLY DEPENDING ON AMBIENT
TEMPERATURE. THIS PHENOMENON IS REVERSIBLE.
NOTE 4 :5Hz~100Hz (EXCEPT RESONANCE FREQUENCY)
NOTE 5 :THIS MODULE SHOULD BE OPERATED NORMALLY AFTER FINISH
THE TEST.
NOTE 6 :HIGHER STARTING VOLTAGE OF CFL AND HEIGHER LCD DRIVING
VOLTAGE ARE NEEDED WHILE OPERATING AT 0
°C. THE LIFE
TIME OF CFL WILL BE REDUCED WHILE OPERATING AT 0
°C.
NEED TO MAKE SURE OF VALUE OF IL AND CHARACTERISTICS
OF INVERTER. ALSO THE RESPONSE TIME AT 0
°C WILL BE
SLOWER.
KAOHSIUNG HITACHI
ELECTRONICS CO.,LTD.
DATE FEB.10.’98
7B64PS 2704-LMG7520RPFC-4 PAGE 4-1/1
Sh.
No.


Similar Part No. - LMG7520RPFC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
LMG7400PLFC HITACHI-LMG7400PLFC Datasheet
216Kb / 2P
   240 128 DOTS
LMG7402PLFF HITACHI-LMG7402PLFF Datasheet
216Kb / 2P
   240 128 DOTS
LMG7420PLFC-X HITACHI-LMG7420PLFC-X Datasheet
222Kb / 2P
   240 128 DOTS
More results

Similar Description - LMG7520RPFC

ManufacturerPart #DatasheetDescription
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com