Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6076 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE6076
Description  85 Amp Stud Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6076 Datasheet(HTML) 1 Page - NTE Electronics

  NTE6076 Datasheet HTML 1Page - NTE Electronics NTE6076 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE6070 thru NTE6079
85 Amp Stud Mount Rectifiers
Description:
The NTE6070 thru NTE6079 series of 85 Amp power rectifiers are stud mounted DO–5 packages.
Because the silicon junction is carefully fitted within a glass to–metal hermetically sealed case, reli-
able operation is assured, even with extreme humidity and under other severe environmental condi-
tions.
A double diffused, passivated junction technique is utilized to provide stable uniform electrical charac-
teristics. Inherent in their design are very low leakage currents and excellent surge handling capabili-
ty. These devices are available in standard and reverse polarities and in voltage ratings from 200 to
1600 volts PRV.
NTE silicon power rectifiers are ideal for a broad range of commercial and military uses including pow-
er supplies, ultrasonic systems, inverters, welders, emergency generators, battery chargers, DC mo-
tors, and motor controls.
Electrical Ratings:
Peak Reverse Voltage, PRV
NTE6074, NTE6075*
200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE6076, NTE6077*
600V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE6078, NTE6079*
1200V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NTE6070, NTE6071*
1600V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Forward Current (TC = +132°C, Single Phase Half Wave), IF
85A
. . . . . . . . . . . . . . . . . . . .
Maximum Surge Current, Single Cycle, IFM(Surge)
1500A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Forward Voltage Drop (IF = 200A), VF
1.15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Reverse Current (FCA @ 150
°C), IR
2mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum I2t (Less than 8ms), I2t
9300A2Sec
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Power for Bulk Avalanche
0.6 Joules
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–65
° to +190°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Thermal Resistance, Junction–to–Case, RthJC
0.6
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. * Indicates Anode to case polarity, Cathode to case is standard polarity.


Similar Part No. - NTE6076

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6073 NTE-NTE6073 Datasheet
19Kb / 2P
   Industrial Silicon Rectifier, 70A
NTE6073 NTE-NTE6073 Datasheet
18Kb / 2P
   Industrial Silicon Rectifier, 70A
More results

Similar Description - NTE6076

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5830 NTE-NTE5830 Datasheet
18Kb / 2P
   Stud Mount Standard Recovery Silicon Rectifiers, 3 Amp
logo
Vishay Siliconix
VS-85HFR40M8 VISHAY-VS-85HFR40M8 Datasheet
172Kb / 8P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
VS-85HFR VISHAY-VS-85HFR_V01 Datasheet
182Kb / 10P
   Standard Recovery Diodes, (Stud Version), 85 A
01-Jan-2022
85HF10 VISHAY-85HF10 Datasheet
130Kb / 7P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 19-Jun-08
VS-ST083SP VISHAY-VS-ST083SP Datasheet
207Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 06-Feb-17
VS-85HFR VISHAY-VS-85HFR Datasheet
183Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 07-Dec-16
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
VS-ST083SP VISHAY-VS-ST083SP_V01 Datasheet
199Kb / 10P
   Inverter Grade Thyristors (Stud Version), 85 A
01-Jan-2022
ST083SPBF VISHAY-ST083SPBF Datasheet
164Kb / 9P
   Inverter Grade Thyristors (Stud Version), 85 A
Revision: 25-Jul-08
85HF VISHAY-85HF Datasheet
145Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com