Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIA120S Datasheet(PDF) 4 Page - IXYS Corporation

Part # LIA120S
Description  Optically Isolated Linear Error Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA120S Datasheet(HTML) 4 Page - IXYS Corporation

  LIA120S Datasheet HTML 1Page - IXYS Corporation LIA120S Datasheet HTML 2Page - IXYS Corporation LIA120S Datasheet HTML 3Page - IXYS Corporation LIA120S Datasheet HTML 4Page - IXYS Corporation LIA120S Datasheet HTML 5Page - IXYS Corporation LIA120S Datasheet HTML 6Page - IXYS Corporation LIA120S Datasheet HTML 7Page - IXYS Corporation LIA120S Datasheet HTML 8Page - IXYS Corporation LIA120S Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.clare.com
4
LIA120
Rev. 2.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
LIA120
LED Current vs. Cathode Voltage
VCOMP - Cathode Voltage (V)
-1.0
15
10
5
0
-5
-10
-15
-0.5
0.0
0.5
1.0
1.5
LIA120
LED Current vs. Cathode Voltage
VCOMP - Cathode Voltage (V)
-1.0
150
120
90
60
30
0
-30
-60
-90
-120
-150
-0.5
0.0
0.5
1.0
1.5
LIA120
Reference Voltage vs.
Ambient Temperature
-40
1.30
1.37
1.24
1.21
1.18
-20
0
20
40
60
80
ILED = 10mA
LIA120
Reference Current vs.
Ambient Temperature
-40
350
300
250
200
150
100
50
-20
0
20
40
60
80
100
ILED = 10mA
R1 = 10 kΩ
LIA120
Off Current vs. Ambient Temperature
-40
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
VIN = 10V
VFB = 0
LIA120
LED Forward Current vs. Forward Voltage
VF - Forward-Voltage (V)
20
15
10
5
0
1.0
1.1
1.2
1.3
1.4
1.5
85ºC
-5ºC
LIA120
Dark Current vs. Temperature
VKA = 10V
-40
50
40
30
20
10
0
-10
-20
0
20
40
60
80
100
LIA120
Cathode Current vs. Ambient Temperature
VKA = 5V
ILED = 20mA
ILED = 10mA
ILED = 5mA
ILED = 1mA
-40
1400
1200
1000
800
600
400
200
0
-20
0
20
40
60
80
100
LIA120
Current Transfer Ratio vs LED Current
ILED - Forward Current (mA)
VKA = 5V
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
20
30
40
50
LIA120
Cathode Current vs. Photodiode Voltage
VKA (V)
0
500
450
400
350
300
250
200
150
100
50
0
1
2
3
4
5
6
7
8
9
10
ILED = 20mA
ILED = 10mA
ILED = 5mA
ILED = 1mA
LIA120
Bandwidth vs. Temperature for
High Frequency Applications
0
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
LIA120
Voltage Gain vs. Frequency
Frenquency kHz
10
60
40
20
0
100
1000


Similar Part No. - LIA120S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LIA120S CLARE-LIA120S Datasheet
1Mb / 9P
   Optically Isolated Linear Error Amplifier
logo
IXYS Corporation
LIA120S IXYS-LIA120S Datasheet
203Kb / 10P
   Optically Isolated Linear Error Amplifier
logo
Clare, Inc.
LIA120STR CLARE-LIA120STR Datasheet
1Mb / 9P
   Optically Isolated Linear Error Amplifier
logo
IXYS Corporation
LIA120STR IXYS-LIA120STR Datasheet
203Kb / 10P
   Optically Isolated Linear Error Amplifier
More results

Similar Description - LIA120S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LIA120 CLARE-LIA120 Datasheet
1Mb / 9P
   Optically Isolated Linear Error Amplifier
logo
IXYS Corporation
LIA120 IXYS-LIA120_12 Datasheet
203Kb / 10P
   Optically Isolated Linear Error Amplifier
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com