Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG128645 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LG128645
Description  LG128645 128 x 64 dots
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LG128645 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LG128645 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL DATA
ABSOLUTE MAXIMUM RATINGS
32 SEG
128 x 32 dots
ST7921
ST7921
128 x 32 dots
=5V
â0.25V )
DD
SS
RS(CS)
E(SCLK)
R/W(SID)
PS
DB7
DB0
/RST
LEDA
LEDK
V
V
Control Signals
LED B/L
ST7920
LCD
LSI
Controller
32 COM
64 SEG
Input High Voltage
Input Low Voltage
Output Low Voltage
Output High Voltage
Supply Current
LCD Driving Voltage
Item
Supply Voltage(LCD)
Storage Temp.
Operating Temp.
Input Voltage
Supply Voltage(Logic)
Item
BLOCK DIAGRAM
ELECTRICAL CHARACTERISTICS
VIH
--
0.7VDD
Control Signals
VOL
- V
DD
VO
I
SS
IL
OH
V
V
= - 0.1mA
= 0.1mA
OL
I
= 5.0V
Ta=25

DD
V
C
--
OH
I
0
--
--
- 0.3
0.8VDD
SS
SS
Symbol
Symbol
Tstg
V
I
V
Topr
- V
O
V- V
DD
-20
( V
-30
Test
Condition
DD
Min.
-0.3
-0.3
-0.3
Min.
H/L
DB6
13
LED BACKLIGHT SPECIFICATIONS (Ta=25

20
19
18
17
16
15
14
96 SEG
64 SEG
+5V
LEDA
LEDK
0V
NC
NC
/RST
PSB
DB7
--
L
--
H/L
H/L
Reset signal, active "L"
H: Parallel mode L: Serial mode
No connection
No Connection
C)
--
VDD
V
0V
SS
V
1
12
11
10
9
8
7
6
5
4
3
2
--
0.4
6.5
3.0
--
5.0
--
--
VDD
0.6
V
mA
V
V
V
H/L
DB0
DB3
DB5
DB4
DB2
DB1
H/L
H/L
H/L
H/L
H/L
RS
R/W
E
NC
VDD
H/L
H,H
H/L
_
>L
--
+5V
Pin
Weight (Reflective/LED)
Dot Size ( W x H )
Dot Pitch ( W x H )
Viewing Area ( W x H )
Module Size ( W x H x T )
PIN CONNECTIONS
Max.
Typ.
80
Unit
C
70
+ 0.3
DD
V
7.0
5.5
Max.
V
C
V
Unit
V
Symbol
Level
Item
GND
L : Instruction code
Power supply for logic
Data bus line
No connection
Enable signal
L : Write
H : Data
H : Read
Approx. 55/75
Function
93.0 x 70.0 x 10.0/13.5
Nominal Dimensions
0.48 x 0.48
0.52 x 0.52
72.0 x 39.0
g
mm
mm
mm
mm
Unit
LG128645
128 x 64 dots
Power supply for LED backlight
32 COM
Forward Current
Emission Wave Length
Forward Voltage
Item
I f
λp
V
Symbol
f
Unit
mA
nm
V
--
300
568
--
Typ.
4.1
Max.
4.3
Built in 8192 Chinese Fonts


Similar Part No. - LG128645

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG128641 ETC-LG128641 Datasheet
31Kb / 1P
   128 x 64 dots
LG128641-SFLYH6V ETC1-LG128641-SFLYH6V Datasheet
134Kb / 20P
   LG128641-SFLYH6V
LG128642 ETC-LG128642 Datasheet
33Kb / 1P
   128 x 64 dots
LG128642-BMDWH6V ETC2-LG128642-BMDWH6V Datasheet
143Kb / 20P
   LCD Module Specification
LG128643-FMDWH6V ETC1-LG128643-FMDWH6V Datasheet
136Kb / 20P
   LG128643-FMDWH6V
More results

Similar Description - LG128645

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG12864J ETC2-SG12864J Datasheet
43Kb / 2P
   ( 128 DOTS X 64 DOTS )
SG12864I ETC2-SG12864I Datasheet
49Kb / 2P
   128 DOTS X 64 DOTS
SG12864H ETC-SG12864H Datasheet
139Kb / 1P
   128 DOTS X 64 DOTS
logo
HYES Optoelectronics, I...
HE126XX05 HYES-HE126XX05 Datasheet
181Kb / 1P
   128 X 64 Dots
HE126XX51 HYES-HE126XX51 Datasheet
183Kb / 1P
   128 X 64 Dots
logo
List of Unclassifed Man...
LG128641 ETC-LG128641 Datasheet
31Kb / 1P
   128 x 64 dots
logo
HYES Optoelectronics, I...
HE125XX50 HYES-HE125XX50 Datasheet
191Kb / 1P
   128 X 64 Dots
logo
List of Unclassifed Man...
12864A ETC-12864A Datasheet
97Kb / 1P
   128 X 64 DOTS
LG128642 ETC-LG128642 Datasheet
33Kb / 1P
   128 x 64 dots
logo
HYES Optoelectronics, I...
HE126XX52 HYES-HE126XX52 Datasheet
190Kb / 1P
   128 X 64 Dots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com