Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD1010D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LD1010D
Description  High Performance N-Channel POWERJFET with PN Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LD1010D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LD1010D Datasheet HTML 1Page - List of Unclassifed Manufacturers LD1010D Datasheet HTML 2Page - List of Unclassifed Manufacturers LD1010D Datasheet HTML 3Page - List of Unclassifed Manufacturers LD1010D Datasheet HTML 4Page - List of Unclassifed Manufacturers LD1010D Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Ordering Information
Product Number
PN Marking
Package
LD1010D
LD1010D
TO252 (DPAK)
Package and Marking Information:
DIMENSIONS
mm.
inch
DIM.
TYP. MIN. MAX. TYP. MIN. MAX.
A
2.19
2.40
0.086 0.094
A1
0.89
1.14
0.035 0.045
A2
0.03
0.13
0.001 0.005
b
0.76
1.14
0.030 0.045
b1
0.55
0.90
0.022 0.035
B2
5.20
5.46
0.205 0.215
C
0.45
0.60
0.017 0.023
C2
0.45
0.58
0.017 0.023
D
5.97
6.22
0.235 0.245
D1
5.30
0.208
E
6.35
6.73
0.250 0.265
e
2.28
0.090
H
9.35 10.42
0.368 0.410
L2
0.88
1.27
0.035 0.050
L3
1.86
3.57
0.073 0.140
L4
0.64
1.02
0.025 0.040
R
0.20
0.008
Alternate
D
5.40
5.60
0.213 0.220
L2
1.25
1.75
0.049 0.069
L3
2.60
2.80
0.102 0.110
H
9.65
9.75
0.380 0.384
A1
C2
A
C
R
A2
E
B2
e
b1
b
LD1010D
AXXXXX
XXXX
A1
C2
A
C
R
A2
A1
C2
A
C
R
A2
E
B2
e
b1
b
LD1010D
AXXXXX
XXXX
E
B2
e
b1
b
LD1010D
AXXXXX
XXXX
Back View
Back View
Life Support Policy
LOVOLTECH’s PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF LOVOLTECH, Inc. As used herein:
1.
Life support devices or systems are devices or systems which (a) are intended for surgical implant into the body, or (b) support or
sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling can
be reasonably expected to result in a significant injury of the user.
2.
A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to
cause the failure of the life support device or system, or to affect its safety or effectiveness.
Datasheet Identification
Product Status
Definition
Advance Information
In definition or in
Design
This datasheet contains the design specifications for product development.
Specifications may change without notice.
Preliminary
Initial Production
This datasheet contains preliminary data; additional and application data will be
published at a later date. Lovoltech, Inc. reserves the right to make changes at any
time without notice in order to improve design.
No Identification Needed
In Production
This datasheet contains final specifications. Lovoltech reserves the right to make
changes at any time without notice in order to improve the design.
Lovoltech, Inc. - 3970 Freedom Circle - Santa Clara, CA 95054 -USA
Tel. 1 408 654 1980 Fax 1 408 654 1988 www.lovoltech.com
LD1010D
Product Specification
5


Similar Part No. - LD1010D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1010DA ETC1-LD1010DA Datasheet
605Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
More results

Similar Description - LD1010D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LD1014D ETC1-LD1014D Datasheet
600Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LU1010DA ETC1-LU1010DA Datasheet
562Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LD1010DA ETC1-LD1010DA Datasheet
605Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LU1014D ETC1-LU1014D Datasheet
601Kb / 5P
   High Performance N-Channel POWERJFET with PN Diode
LD1003S ETC-LD1003S Datasheet
693Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
LD1106S ETC1-LD1106S Datasheet
764Kb / 5P
   High Performance N-Channel POWERJFET with Schottky Diode
LVS2100N ETC1-LVS2100N Datasheet
148Kb / 5P
   N-Channel PowerJFET
LVS2201N ETC1-LVS2201N Datasheet
138Kb / 5P
   Dual N-Channel PowerJFET
LU1004D ETC1-LU1004D Datasheet
605Kb / 5P
   High Performance N-Ch Vertical POWERJET with PN Diode
logo
Leshan Radio Company
LBSS138V3.3T1G LRC-LBSS138V3.3T1G Datasheet
396Kb / 3P
   Dual Integrated Circuit N-Channel/PN Duals
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com