Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6613IRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6613IRZ
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6613IRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6613IRZ Datasheet HTML 4Page - Intersil Corporation ISL6613IRZ Datasheet HTML 5Page - Intersil Corporation ISL6613IRZ Datasheet HTML 6Page - Intersil Corporation ISL6613IRZ Datasheet HTML 7Page - Intersil Corporation ISL6613IRZ Datasheet HTML 8Page - Intersil Corporation ISL6613IRZ Datasheet HTML 9Page - Intersil Corporation ISL6613IRZ Datasheet HTML 10Page - Intersil Corporation ISL6613IRZ Datasheet HTML 11Page - Intersil Corporation ISL6613IRZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN9153.5
July 25, 2005
ISL6612, ISL6613
Dual Flat No-Lead Plastic Package (DFN)
D
E
A
B
0.10 MC
e
0.415
C
SECTION "C-C"
NX (b)
(A1)
2X
C
0.15
0.15
2X
B
NX L
REF.
(Nd-1)Xe
5
A
C
(DATUM B)
D2
D2/2
E2
E2/2
TOP VIEW
7
BOTTOM VIEW
5
6
INDEX
AREA
8
AB
NX k
6
INDEX
AREA
(DATUM A)
12
N-1
N
NX b
8
NX b
NX L
0.200
C
A
SEATING
PLANE
0.08 C
A3
SIDE VIEW
0.10 C
L10.3x3
10 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.80
0.90
1.00
-
A1
-
-
0.05
-
A3
0.20 REF
-
b
0.18
0.23
0.28
5,8
D
3.00 BSC
-
D2
1.95
2.00
2.05
7,8
E
3.00 BSC
-
E2
1.55
1.60
1.65
7,8
e
0.50 BSC
-
k0.25
-
-
-
L0.30
0.35
0.40
8
N10
2
Nd
5
3
Rev. 3 6/04
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd refers to the number of terminals on D.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.
FOR ODD TERMINAL/SIDE
CL
e
TERMINAL TIP
L
C
C


Similar Part No. - ISL6613IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6613IRZ INTERSIL-ISL6613IRZ Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6613IRZ RENESAS-ISL6613IRZ Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6613IRZ(Note2) INTERSIL-ISL6613IRZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
logo
Renesas Technology Corp
ISL6613IRZ-T RENESAS-ISL6613IRZ-T Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6613IRZ-T(Notes1,2) INTERSIL-ISL6613IRZ-T(Notes1,2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
More results

Similar Description - ISL6613IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com