Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL83080E Datasheet(PDF) 16 Page - Renesas Technology Corp

Part No. ISL83080E
Description  Â±15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL83080E Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL83080E Datasheet HTML 12Page - Renesas Technology Corp ISL83080E Datasheet HTML 13Page - Renesas Technology Corp ISL83080E Datasheet HTML 14Page - Renesas Technology Corp ISL83080E Datasheet HTML 15Page - Renesas Technology Corp ISL83080E Datasheet HTML 16Page - Renesas Technology Corp ISL83080E Datasheet HTML 17Page - Renesas Technology Corp ISL83080E Datasheet HTML 18Page - Renesas Technology Corp ISL83080E Datasheet HTML 19Page - Renesas Technology Corp ISL83080E Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ISL83080E/82E/83E/84E/85E/86E/88E
FN6085 Rev 10.00
Page 16 of 21
February 15, 2016
FIGURE 22. DRIVER AND RECEIVER WAVEFORMS,
LOW TO HIGH (ISL83086E, ISL83088E)
FIGURE 23. DRIVER AND RECEIVER WAVEFORMS,
HIGH TO LOW (ISL83086E, ISL83088E)
FIGURE 24. RECEIVER OUTPUT CURRENT vs RECEIVER
OUTPUT VOLTAGE
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
525
PROCESS:
Si Gate BiCMOS
Typical Performance Curves VCC = 5V, TA = +25°C; Unless Otherwise Specified (Continued)
0
3
4
1
2
TIME (20ns/DIV)
RDIFF = 54, CL = 100pF
0
5
0
5
DI
RO
A/Y
B/Z
0
3
4
1
2
TIME (20ns/DIV)
DI
0
5
0
5
RDIFF = 54, CL = 100pF
B/Z
A/Y
RO
RECEIVER OUTPUT VOLTAGE (V)
01
23
45
0
5
10
15
20
25
30
35
40
VOH, +25°C
VOH, +85°C
VOL, +25°C
VOL, +85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn