Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL83080E Datasheet(PDF) 14 Page - Renesas Technology Corp

Part No. ISL83080E
Description  Â±15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL83080E Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ISL83080E Datasheet HTML 10Page - Renesas Technology Corp ISL83080E Datasheet HTML 11Page - Renesas Technology Corp ISL83080E Datasheet HTML 12Page - Renesas Technology Corp ISL83080E Datasheet HTML 13Page - Renesas Technology Corp ISL83080E Datasheet HTML 14Page - Renesas Technology Corp ISL83080E Datasheet HTML 15Page - Renesas Technology Corp ISL83080E Datasheet HTML 16Page - Renesas Technology Corp ISL83080E Datasheet HTML 17Page - Renesas Technology Corp ISL83080E Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ISL83080E/82E/83E/84E/85E/86E/88E
FN6085 Rev 10.00
Page 14 of 21
February 15, 2016
FIGURE 10. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 11. SUPPLY CURRENT vs TEMPERATURE
FIGURE 12. DRIVER DIFFERENTIAL PROPAGATION DELAY
vs TEMPERATURE (ISL83080E, ISL83082E)
FIGURE 13. DRIVER DIFFERENTIAL SKEW vs
TEMPERATURE (ISL83080E, ISL83082E)
FIGURE 14. DRIVER DIFFERENTIAL PROPAGATION DELAY
vs TEMPERATURE (ISL83083E, ISL83084E,
ISL83085E)
FIGURE 15. DRIVER DIFFERENTIAL SKEW vs
TEMPERATURE (ISL83083E, ISL83084E,
ISL83085E)
Typical Performance Curves VCC = 5V, TA = +25°C; Unless Otherwise Specified (Continued)
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-50
0
50
100
150
200
-100
-150
Y OR Z = HIGH
Y OR Z = LOW
ISL8308xE
ISL83080E thru ISL83085E
ISL83086E/ISL83088E
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
500
510
520
530
540
550
560
HALF DUPLEX, DE = VCC, RE = X
HALF DUPLEX, DE = GND, RE = GND
FULL DUPLEX, DE = X, RE = GND
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
740
760
780
800
820
840
860
880
tPLH
tPHL
30
35
40
45
50
55
60
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
|CROSS PT. OF Y
 AND Z - CROSS PT. OF Y AND Z|
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
340
350
360
370
380
390
400
tPLH
tPHL
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
17
18
19
20
21
22
23
24
25
26
27
|CROSS PT. OF Y
 AND Z - CROSS PT. OF Y AND Z|


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn