Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL83080E Datasheet(PDF) 8 Page - Renesas Technology Corp

Part No. ISL83080E
Description  Â±15kV ESD, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL83080E Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL83080E Datasheet HTML 4Page - Renesas Technology Corp ISL83080E Datasheet HTML 5Page - Renesas Technology Corp ISL83080E Datasheet HTML 6Page - Renesas Technology Corp ISL83080E Datasheet HTML 7Page - Renesas Technology Corp ISL83080E Datasheet HTML 8Page - Renesas Technology Corp ISL83080E Datasheet HTML 9Page - Renesas Technology Corp ISL83080E Datasheet HTML 10Page - Renesas Technology Corp ISL83080E Datasheet HTML 11Page - Renesas Technology Corp ISL83080E Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL83080E/82E/83E/84E/85E/86E/88E
FN6085 Rev 10.00
Page 8 of 21
February 15, 2016
Driver Enable to Output High
tZH
RL = 500, CL = 100pF, SW = GND (Figure 3),
(Notes 8, 13)
Full
-
137
1000
ns
Driver Enable to Output Low
tZL
RL = 500, CL = 100pF, SW = VCC (Figure 3),
(Notes 8, 13)
Full
-
35
1000
ns
Driver Disable from Output Low
tLZ
RL = 500, CL = 15pF, SW = VCC (Figure 3),
(Note 13)
Full
-
65
100
ns
Driver Disable from Output High
tHZ
RL = 500, CL = 15pF, SW = GND (Figure 3),
(Note 13)
Full
-
38
100
ns
Time to Shutdown
tSHDN
(Note 10)
Full
60
160
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500, CL = 100pF, SW = GND (Figure 3),
(Notes 10, 11, 13)
Full
-
260
1500
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500, CL = 100pF, SW = VCC (Figure 3),
(Notes 10, 11, 13)
Full
-
155
1500
ns
DRIVER SWITCHING CHARACTERISTICS (10Mbps Versions; ISL83086E, ISL83088E)
Driver Differential Output Delay
tPLH, tPHL RDIFF = 54, CL = 100pF (Figure 2)
Full
-
20
60
ns
Driver Differential Output Skew
tSKEW
RDIFF = 54, CL = 100pF (Figure 2)
Full
-
1
10
ns
Driver Differential Rise or Fall Time
tR, tF
RDIFF = 54, CL = 100pF (Figure 2)
Full
-
13
25
ns
Maximum Data Rate
fMAX
CD = 470pF (Figure 4) (Note 15)
Full
10
15
-
Mbps
Driver Enable to Output High
tZH
RL = 500, CL = 100pF, SW = GND (Figure 3),
(Note 8)
Full
-
35
150
ns
Driver Enable to Output Low
tZL
RL = 500, CL = 100pF, SW = VCC (Figure 3),
(Note 8)
Full
-
30
150
ns
Driver Disable from Output Low
tLZ
RL = 500, CL = 15pF, SW = VCC (Figure 3)
Full
-
66
100
ns
Driver Disable from Output High
tHZ
RL = 500, CL = 15pF, SW = GND (Figure 3)
Full
-
38
100
ns
Time to Shutdown
tSHDN
(Note 10)
Full
60
160
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) RL = 500, CL = 100pF, SW = GND (Figure 3),
(Notes 10, 11)
Full
-
115
250
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 500, CL = 100pF, SW = VCC (Figure 3),
(Notes 10, 11)
Full
-
84
250
ns
RECEIVER SWITCHING CHARACTERISTICS (115kbps and 500kbps Versions; ISL83080E THRU ISL83085E)
Maximum Data Rate
fMAX
(Figure 5) (Note 15)
Full
0.5
10
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL (Figure 5)
Full
-
100
150
ns
Receiver Skew | tPLH - tPHL |
tSKD
(Figure 5)
Full
-
7
10
ns
Receiver Enable to Output Low
tZL
RL = 1k, CL = 15pF, SW = VCC (Figure 6),
(Notes 9, 13)
Full
-
10
50
ns
Receiver Enable to Output High
tZH
RL = 1k, CL = 15pF, SW = GND (Figure 6),
(Notes 9, 13)
Full
-
10
50
ns
Receiver Disable from Output Low
tLZ
RL = 1k, CL = 15pF, SW = VCC (Figure 6),
(Note 13)
Full
-
10
50
ns
Receiver Disable from Output High
tHZ
RL = 1k, CL = 15pF, SW = GND (Figure 6),
(Note 13)
Full
-
10
50
ns
Time to Shutdown
tSHDN
(Notes 10, 13)
Full
60
160
600
ns
Electrical Specifications
Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V, TA = +25°C
(Note 5). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 4)
TYP
MAX
(Note 4) UNITS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn