Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE6080 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE6080
Description  Silicon Schottky Barrier Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6080 Datasheet(HTML) 1 Page - NTE Electronics

  NTE6080 Datasheet HTML 1Page - NTE Electronics NTE6080 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE6080
Silicon Schottky Barrier Rectifier
Description:
The NTE6080 is a silicon switchmode power rectifier using the Schottky Barrier principle with a platinum
barrier metal.
Features:
D Guard–Ring for Stress Protection
D Low Forward Voltage
D +150°C Operating Junction Temperature
D Guaranteed Reverse Avalanche
D Low Power Loss/High Efficiency
D High Surge Capacity
D Low Stored Charge Majority Carrier Conduction
Absolute Maximum Ratings:
Peak Repetitive Reverse Voltage, VRRM
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Working Peak Reverse Voltage, VRWM
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Blocking Voltage, VR
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Average Rectified Forward Current (VR = 60V, TC = +133°C), IF(AV)
10A
. . . . . . . . . . . . . . . . . . . . . . .
Peak Repetitive Forward Current (VR = 60V, Square Wave, 20kHz, TC = +133°C), IFRM
20A
. . . . .
Non–Repetitive Peak Surge Current, IFSM
(Surge applied at rated load conditions halfwave, single phase, 60Hz)
150A
. . . . . . . . . . . . .
Peak Repetitive Reverse Surge Current (2.0
µs, 1.0kHz), IRRM
500mA
. . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage Rate of Change (VR = 60V), dv/dt
1000V/
µs
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Thermal Resistance, Junction–to–Case, RthJC
2.0
°/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Thermal Resistance, Junction–to–Ambient, RthJA
60
°/W
. . . . . . . . . . . . . . . . . . . . . . . . . . .


Similar Part No. - NTE6080

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6081 NTE-NTE6081 Datasheet
19Kb / 2P
   Silicon Schottky Barrier Rectifier
NTE6082 NTE-NTE6082 Datasheet
19Kb / 2P
   Silicon Schottky Barrier Rectifier
NTE6083 NTE-NTE6083 Datasheet
19Kb / 2P
   Schottky Barrier Rectifier
NTE6084 NTE-NTE6084 Datasheet
20Kb / 2P
   Silicon Rectifier Schottky Barrier
NTE6085 NTE-NTE6085 Datasheet
21Kb / 2P
   Silicon Dual Schottky Rectifier
More results

Similar Description - NTE6080

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6082 NTE-NTE6082 Datasheet
19Kb / 2P
   Silicon Schottky Barrier Rectifier
NTE6084 NTE-NTE6084 Datasheet
20Kb / 2P
   Silicon Rectifier Schottky Barrier
NTE6094 NTE-NTE6094 Datasheet
19Kb / 2P
   Silicon Rectifier Schottky Barrier
NTE6081 NTE-NTE6081 Datasheet
19Kb / 2P
   Silicon Schottky Barrier Rectifier
NTE6087 NTE-NTE6087 Datasheet
18Kb / 2P
   Schottky Barrier Silicon Rectifier
NTE6092 NTE-NTE6092 Datasheet
18Kb / 2P
   Silicon Schottky Barrier Rectifier
NTE6091 NTE-NTE6091 Datasheet
18Kb / 2P
   Silicon Schottky Barrier Rectifier
NTE6248 NTE-NTE6248 Datasheet
19Kb / 2P
   Silicon Schottky Barrier Rectifier
NTE6093 NTE-NTE6093 Datasheet
18Kb / 2P
   Silicon Rectifier Dual, Schottky Barrier
NTE578 NTE-NTE578 Datasheet
17Kb / 2P
   Silicon Rectifier Schottky Barrier, General Purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com