Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KAQW210S Datasheet(PDF) 2 Page - COSMO Electronics Corporation

Part No. KAQW210S
Description  High Voltage, Photo Mos Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW210S Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KAQW210S Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW210S Datasheet HTML 2Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fig.8
Voltage vs. current characteristics of
output at MOS FET portion
Measured portion: across terminals 5,7
and 6,8 pin
Ambient temperature: 25°C
Load Voltage (V)
Fig.9
Off state leakage current
Across terminals 5,7 and 6,8 pin
Ambient temperature: 25°C
LED Forward Current (mA)
Fig.11
LED forward current vs. turn off time
Across terminals 5,7 and 6,8 pin;
Load voltage: 350V (DC);
Continuous load current: 130mA (DC);
Ambient temperature: 25°C
Applied Voltage (V)
Fig.12
Applied voltage vs. output capacitance
Across terminals 5,7 and 6,8 pin
Frequency: 1MHz
Ambient temperature: 25°C
Ambient Temperature Ta (°C)
Fig.5
LED operate vs. ambient temperature
Load voltage 350V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.6
LED turn off current vs. ambient
temperature
Load voltage 350V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.1
Load current vs. ambient temperature
Allowable ambient temperature:
-40°C to +85°C
Ambient Temperature Ta (°C)
Fig.2
On resistance vs. ambient temperature
Across terminals 5,7 and 6,8 pin
LED current: 5mA
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.3
Turn on time vs. ambient temperature
Load voltage 350V(DC)
LED current: 5mA
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.4
Turn off time vs. ambient temperature
LED current: 5mA; Load voltage:
350V(DC)
Continuous load current: 130mA(DC)
Ambient Temperature Ta (°C)
Fig.7
LED dropout voltage vs. ambient
temperature
LED current: 5 to 50mA
LED Forward Current (mA)
Fig.10
LED forward current vs. turn on time
Across terminals 5,7 and 6,8 pin;
Load voltage: 350V (DC);
Continuous load current: 130mA (DC);
Ambient temperature: 25°C
KAQW210S
c 2002 cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
93
Data Curve
Hemar AG, Fendler 50, CH-5524 Nesselnbach, Tel: +41 (0)56 618 31 41, Fax +41 (0)56 618 31 42 http://www.hemar.ch


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AQW414S HIGH VOLTAGE PHOTO MOS RELAY 1  2  List of Unclassifed Manufacturers
AQV214 HIGH VOLTAGE PHOTO MOS RELAY 1  2  List of Unclassifed Manufacturers
KAQV214 High Voltage Photo Mos Relay 1  2  DB Lectro Inc
KAQV414S High Voltage Photo Mos Relay 1  2  COSMO Electronics Corporation
W414 HIGH VOLTAGE PHOTO MOS RELAY 1  2  3  COSMO Electronics Corporation
AQY214S HIGH VOLTAGE PHOTO MOS RELAY 1  2  List of Unclassifed Manufacturers
AQV414 HIGH VOLTAGE PHOTO MOS RELAY 1  2  List of Unclassifed Manufacturers
KAQV414 High Voltage Photo Mos Relay 1  2  DB Lectro Inc
AQV414S HIGH VOLTAGE PHOTO MOS RELAY 1  2  List of Unclassifed Manufacturers
KAQY210B High Voltage Photo Mos Relay 1  2  DB Lectro Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn