Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R4008V1B-I12 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K6R4008V1B-I12
Description  CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R4008V1B-I12 Datasheet(HTML) 4 Page - Samsung semiconductor

  K6R4008V1B-I12 Datasheet HTML 1Page - Samsung semiconductor K6R4008V1B-I12 Datasheet HTML 2Page - Samsung semiconductor K6R4008V1B-I12 Datasheet HTML 3Page - Samsung semiconductor K6R4008V1B-I12 Datasheet HTML 4Page - Samsung semiconductor K6R4008V1B-I12 Datasheet HTML 5Page - Samsung semiconductor K6R4008V1B-I12 Datasheet HTML 6Page - Samsung semiconductor K6R4008V1B-I12 Datasheet HTML 7Page - Samsung semiconductor K6R4008V1B-I12 Datasheet HTML 8Page - Samsung semiconductor K6R4008V1B-I12 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
K6R4008V1B-C/B-L, K6R4008V1B-I/B-P
CMOS SRAM
PRELIMINARY
Rev 2.2
- 4 -
May 1999
DC AND OPERATING CHARACTERISTICS*(TA=0 to 70
°C, Vcc=3.3±0.3V, unless otherwise specified)
* The above parameters are also guaranteed at industrial temperature range.
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current
ILI
VIN=VSS to VCC
-2
2
µA
Output Leakage Current
ILO
CS=VIH or OE=VIH or WE=VIL
VOUT=VSS to VCC
-2
2
µA
Operating Current
ICC
Min. Cycle, 100% Duty
CS=VIL, VIN=VIH or VIL, IOUT=0mA
10ns
-
205
mA
12ns
-
200
15ns
-
195
Standby Current
ISB
Min. Cycle, CS=VIH
-
50
mA
ISB1
f=0MHz, CS
≥VCC-0.2V,
VIN
≥VCC-0.2V or VIN≤ 0.2V
Normal
-
10
mA
L-Ver.
-
1.2
Output Low Voltage Level
VOL
IOL=8mA
-
0.4
V
Output High Voltage Level
VOH
IOH=-4mA
2.4
-
V
CAPACITANCE*(TA=25
°C, f=1.0MHz)
* Capacitance is sampled and not 100% tested.
Item
Symbol
Test Conditions
MIN
Max
Unit
Input/Output Capacitance
CI/O
VI/O=0V
-
8
pF
Input Capacitance
CIN
VIN=0V
-
7
pF
RECOMMENDED DC OPERATING CONDITIONS*(TA=0 to 70
°C)
*
The above parameters are also guaranteed at industrial temperature range.
** VIL(Min) = -2.0V a.c(Pulse Width
≤ 8ns) for I ≤ 20mA.
*** VIH(Max) = VCC + 2.0V a.c (Pulse Width
≤ 8ns) for I ≤ 20mA.
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VCC
3.0
3.3
3.6
V
Ground
VSS
0
0
0
V
Input High Voltage
VIH
2.0
-
VCC+0.3***
V
Input Low Voltage
VIL
-0.3**
-
0.8
V


Similar Part No. - K6R4008V1B-I12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C10 SAMSUNG-K6R4008V1C-C10 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C12 SAMSUNG-K6R4008V1C-C12 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C15 SAMSUNG-K6R4008V1C-C15 Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-I SAMSUNG-K6R4008V1C-I Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R4008V1B-I12

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
HY62KT08081E HYNIX-HY62KT08081E Datasheet
192Kb / 12P
   32Kx8bit CMOS SRAM
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com