Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFK48N50 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFK48N50
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK48N50 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFK48N50 Datasheet HTML 1Page - IXYS Corporation IXFK48N50 Datasheet HTML 2Page - IXYS Corporation IXFK48N50 Datasheet HTML 3Page - IXYS Corporation IXFK48N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C1 - 187
© 2000 IXYS All rights reserved
IXFN / IXFK 44N50
IXFN / IXFK 48N50
Fig.10 Transient Thermal Impedance
V
SD - Volt
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
10
20
30
40
50
60
70
80
90
100
Time - Seconds
0.001
0.01
0.1
1
0.01
0.1
V
DS - Volts
0
5
10
15
20
25
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
C
rss
C
oss
Gate Charge - nCoulombs
0
50
100 150 200
250 300 350
400
0
1
2
3
4
5
6
7
8
9
10
C
iss
V
DS = 250V
I
D = 24A
I
G = 10mA
f = 1 MHz
V
DS = 25V
T
J = 125°C
T
J = 25°C
Fig.7 Gate Charge Characteristic Curve
Fig.8 Capacitance Curves
Fig.9 Source Current vs. Source
to Drain Voltage


Similar Part No. - IXFK48N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK48N50 IXYS-IXFK48N50 Datasheet
114Kb / 4P
   HiPerFET Power MOSFETs
logo
Inchange Semiconductor ...
IXFK48N50 ISC-IXFK48N50 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFK48N50Q IXYS-IXFK48N50Q Datasheet
48Kb / 2P
   HiPer FET Power MOSFETs Q-CLASS
logo
Inchange Semiconductor ...
IXFK48N50Q ISC-IXFK48N50Q Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXFK48N50Q IXYS-IXFK48N50Q_03 Datasheet
581Kb / 4P
   HiPerFET Power MOSFETs Q-CLASS
More results

Similar Description - IXFK48N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com