Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JA32050 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JA32050
Description  8-Bit MCU,ADC,LCD Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JA32050 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JA32050 Datasheet HTML 1Page - List of Unclassifed Manufacturers JA32050 Datasheet HTML 2Page - List of Unclassifed Manufacturers JA32050 Datasheet HTML 3Page - List of Unclassifed Manufacturers JA32050 Datasheet HTML 4Page - List of Unclassifed Manufacturers JA32050 Datasheet HTML 5Page - List of Unclassifed Manufacturers JA32050 Datasheet HTML 6Page - List of Unclassifed Manufacturers JA32050 Datasheet HTML 7Page - List of Unclassifed Manufacturers JA32050 Datasheet HTML 8Page - List of Unclassifed Manufacturers JA32050 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
JA32050
8-Bit MCU,ADC,LCD Controller
Features
Operating Voltage: 2.4 V ~ 5.2V
Stand-by Current=2uA @VDD=3V
Operating Current = 2mA @ Fsys=2M
VDD=3V, ADC off
Built-in LCD driver: 4 COM * 20 SEG
LCD duty option: 1/3 duty or 1/4 duty
LCD bias option: 1/2 bias or 1/3 bias
R-Bias or C-Bias for LCD by mask option
RC oscillation for system clock (R external)
External 32.768 KHz crystal for RTC
Internal RC 32k for WDT or timer
Internal with dual slope ADC and 3 OP
amplifiers
Internal with an 8-bit I/O port dedicated for
ADC interface (Port A)
Normal 8-bit I/O port for general I/O (Port B)
with interrupt function
Internal with two16-bit timers (TMR0, TMR1)
Internal 8-bit WDT (watchdog timer)
R/F circuit available (PB0, PB1)
7K bytes of Program ROM
128 bytes of data RAM
STOP and HALT mode for power saving
Low battery detect
AVdd source current 20 mA
AVdd and Vdd separated
General Description
The JA32050 incorporates an 8-bit MCU, ADC,
LCD controller, timers, WDT, 8 programmable
general I/Os and R/F circuits inside. It is designed
for measuring application, especially suitable for
pressure related product such as manometer.
Block Diagram
Preliminary
19-1
Ver.0.0
TEL 886-3-5770755
FAX 886-3-5770756
E-mail sales@jaztek.com.tw
Web-site www.jaztek.com.tw


Similar Part No. - JA32050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JA32-10-100 ETC-JA32-10-100 Datasheet
1Mb / 17P
   Floating Joint
More results

Similar Description - JA32050

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95L100 HOLTEK-HT95L100 Datasheet
768Kb / 42P
   8-Bit LCD Type Phone Controller MCU
HT49R30A-1 HOLTEK-HT49R30A-1_12 Datasheet
270Kb / 41P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1 Datasheet
345Kb / 45P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1 Datasheet
326Kb / 42P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80_12 Datasheet
376Kb / 54P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_09 Datasheet
239Kb / 37P
   LCD Type 8-Bit MCU
HT49R50A-1 HOLTEK-HT49R50A-1_09 Datasheet
286Kb / 44P
   LCD Type 8-Bit MCU
HT49R70A-1 HOLTEK-HT49R70A-1_09 Datasheet
280Kb / 44P
   LCD Type 8-Bit MCU
HT49R10A-1 HOLTEK-HT49R10A-1_12 Datasheet
258Kb / 38P
   LCD Type 8-Bit MCU
HT49RU80 HOLTEK-HT49RU80 Datasheet
355Kb / 54P
   LCD Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com