Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6613CB Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6613CB
Description  Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6613CB Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6613CB Datasheet HTML 4Page - Intersil Corporation ISL6613CB Datasheet HTML 5Page - Intersil Corporation ISL6613CB Datasheet HTML 6Page - Intersil Corporation ISL6613CB Datasheet HTML 7Page - Intersil Corporation ISL6613CB Datasheet HTML 8Page - Intersil Corporation ISL6613CB Datasheet HTML 9Page - Intersil Corporation ISL6613CB Datasheet HTML 10Page - Intersil Corporation ISL6613CB Datasheet HTML 11Page - Intersil Corporation ISL6613CB Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN9153.5
July 25, 2005
maximum recommended operating junction temperature of
125°C. The maximum allowable IC power dissipation for the
SO8 package is approximately 800mW at room temperature,
while the power dissipation capacity in the EPSOIC and DFN
packages, with an exposed heat escape pad, is more than
2W and 1.5W, respectively. Both EPSOIC and DFN
packages are more suitable for high frequency applications.
See Layout Considerations paragraph for thermal transfer
improvement suggestions. When designing the driver into an
application, it is recommended that the following calculation
is used to ensure safe operation at the desired frequency for
the selected MOSFETs. The total gate drive power losses
due to the gate charge of MOSFETs and the driver’s internal
circuitry and their corresponding average driver current can
be estimated with EQs. 2 and 3, respectively,
where the gate charge (QG1 and QG2) is defined at a
particular gate to source voltage (VGS1and VGS2) in the
corresponding MOSFET datasheet; IQ is the driver’s total
quiescent current with no load at both drive outputs; NQ1
and NQ2 are number of upper and lower MOSFETs,
respectively; UVCC and LVCC are the drive voltages for
both upper and lower FETs, respectively. The IQ*VCC
product is the quiescent power of the driver without
capacitive load and is typically 116mW at 300kHz.
The total gate drive power losses are dissipated among the
resistive components along the transition path. The drive
resistance dissipates a portion of the total gate drive power
losses, the rest will be dissipated by the external gate
resistors (RG1 and RG2) and the internal gate resistors
(RGI1 and RGI2) of MOSFETs. Figures 3 and 4 show the
typical upper and lower gate drives turn-on transition path.
The power dissipation on the driver can be roughly
estimated as:
Layout Considerations
For heat spreading, place copper underneath the IC whether
it has an exposed pad or not. The copper area can be
extended beyond the bottom area of the IC and/or
connected to buried copper plane(s) with thermal vias. This
combination of vias for vertical heat escape, extended
copper plane, and buried planes for heat spreading allows
the IC to achieve its full thermal potential.
Place each channel power component as close to each
other as possible to reduce PCB copper losses and PCB
parasitics: shortest distance between DRAINs of upper FETs
and SOURCEs of lower FETs; shortest distance between
DRAINs of lower FETs and the power ground. Thus, smaller
amplitudes of positive and negative ringing are on the
switching edges of the PHASE node. However, some space
in between the power components is required for good
airflow. The traces from the drivers to the FETs should be
kept short and wide to reduce the inductance of the traces
and to promote clean drive signals.
PQg_TOT
PQg_Q1 PQg_Q2 IQ VCC
++
=
(EQ. 2)
PQg_Q1
QG1 UVCC2
VGS1
--------------------------------------- FSW
NQ1
=
PQg_Q2
QG2 LVCC2
VGS2
-------------------------------------- FSW
NQ2
=
IDR
QG1 UVCC NQ1
VGS1
------------------------------------------------------
QG2 LVCC NQ2
VGS2
-----------------------------------------------------
+



FSW IQ
+
=
(EQ. 3)
FIGURE 3. TYPICAL UPPER-GATE DRIVE TURN-ON PATH
FIGURE 4. TYPICAL LOWER-GATE DRIVE TURN-ON PATH
PDR
PDR_UP PDR_LOW IQ VCC
++
=
(EQ. 4)
PDR_UP
RHI1
RHI1 REXT1
+
--------------------------------------
RLO1
RLO1 REXT1
+
----------------------------------------
+


 PQg_Q1
2
---------------------
=
PDR_LOW
RHI2
RHI2 REXT2
+
--------------------------------------
RLO2
RLO2 REXT2
+
----------------------------------------
+


 PQg_Q2
2
---------------------
=
REXT1
RG1
RGI1
NQ1
-------------
+
=
REXT2
RG2
RGI2
NQ2
-------------
+
=
Q1
D
S
G
RGI1
RG1
BOOT
RHI1
CDS
CGS
CGD
RLO1
PHASE
UVCC
LVCC
Q2
D
S
G
RGI2
RG2
RHI2
CDS
CGS
CGD
RLO2
ISL6612, ISL6613


Similar Part No. - ISL6613CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6613CB INTERSIL-ISL6613CB Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6613CBZ INTERSIL-ISL6613CBZ Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6613CBZ RENESAS-ISL6613CBZ Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6613CBZ(Note2) INTERSIL-ISL6613CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
logo
Renesas Technology Corp
ISL6613CBZ-T RENESAS-ISL6613CBZ-T Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
More results

Similar Description - ISL6613CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PX3511A INTERSIL-PX3511A Datasheet
229Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6612CBZ(Note2) INTERSIL-ISL6612CBZ(Note2) Datasheet
363Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
June 15, 2010
ISL6594A INTERSIL-ISL6594A_06 Datasheet
247Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A INTERSIL-ISL6594A Datasheet
242Kb / 10P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6612 RENESAS-ISL6612 Datasheet
601Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594A RENESAS-ISL6594A Datasheet
656Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6612 INTERSIL-ISL6612_07 Datasheet
250Kb / 12P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
ISL6594D INTERSIL-ISL6594D Datasheet
264Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6594D RENESAS-ISL6594D Datasheet
639Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
logo
Intersil Corporation
ISL6594DCBZ INTERSIL-ISL6594DCBZ Datasheet
299Kb / 11P
   Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
December 3, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com