Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2805ACPZ-RL7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADN2805ACPZ-RL7
Description  1.25 Gbps Clock and Data Recovery IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2805ACPZ-RL7 Datasheet(HTML) 2 Page - Analog Devices

  ADN2805ACPZ-RL7 Datasheet HTML 1Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 2Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 3Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 4Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 5Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 6Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 7Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 8Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADN2805
Data Sheet
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Jitter Specifications....................................................................... 3
 
Output and Timing Specifications ............................................. 4
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Characteristics .............................................................. 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
I2C Interface Timing and Internal Register Description............. 8
 
Theory of Operation ...................................................................... 10
 
Functional Description.................................................................. 12
 
Frequency Acquisition............................................................... 12
 
Input Buffer................................................................................. 12
 
Lock Detector Operation .......................................................... 12
 
SQUELCH Mode........................................................................ 13
 
System Reset................................................................................ 13
 
I2C Interface ................................................................................ 13
 
Applications Information .............................................................. 14
 
PCB Design Guidelines ............................................................. 14
 
Outline Dimensions ....................................................................... 16
 
Ordering Guide .......................................................................... 16
 
REVISION HISTORY
3/12—Rev. A to Rev. B
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 16
5/10—Rev. 0 to Rev. A
Changes to Figure 5 and Table 6..................................................... 7
Changes to Figure 14...................................................................... 14
Added Exposed Pad Notation to Outline Dimensions ............. 16
1/08—Revision 0: Initial Version


Similar Part No. - ADN2805ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2805ACPZ-RL7 AD-ADN2805ACPZ-RL7 Datasheet
355Kb / 16P
   1.25 Gbps Clock and Data Recovery IC
REV. 0
More results

Similar Description - ADN2805ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2805 AD-ADN2805 Datasheet
355Kb / 16P
   1.25 Gbps Clock and Data Recovery IC
REV. 0
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
   622 Mbps Clock and Data Recovery IC
REV. 0
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Maxim Integrated Produc...
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
logo
Vitesse Semiconductor C...
VSC8238 VITESSE-VSC8238 Datasheet
477Kb / 2P
   10.3125 Gbps Advanced Electronic Equalization with Limiting Amplifier, and Clock and Data Recovery
logo
Maxim Integrated Produc...
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com