Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2805ACPZ-RL7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADN2805ACPZ-RL7
Description  1.25 Gbps Clock and Data Recovery IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2805ACPZ-RL7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN2805ACPZ-RL7 Datasheet HTML 8Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 9Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 10Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 11Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 12Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 13Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 14Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 15Page - Analog Devices ADN2805ACPZ-RL7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADN2805
Rev. B | Page 13 of 16
SQUELCH MODE
Two squelch modes are available with the ADN2805. The
SQUELCH DATAOUT and CLKOUT mode is selected when
CTRLC[1] = 0 (default mode). In this mode, when the SQUELCH
input, Pin 27, is driven to a TTL high state, both the clock and
data outputs are set to the zero state to suppress downstream pro-
cessing. If the squelch function is not required, tie Pin 27 to VEE.
SQUELCH DATAOUT or CLKOUT mode is selected when
CTRLC[1] is 1. In this mode, when the SQUELCH input is
driven to a high state, the DATAOUTN/DATAOUTP pins
are squelched. When the SQUELCH input is driven to a low
state, the CLKOUT pins are squelched. This feature is especially
useful in repeater applications, where the recovered clock may
not be needed.
SYSTEM RESET
A frequency acquisition can be initiated by writing a 1 followed
by a 0 to the I2C Register Bit CTRLB[5]. This initiates a new
frequency acquisition while keeping the ADN2805 in the
operating mode that it was previously programmed to in
Register CTRL[A], Register CTRL[B], and Register CTRL[C].
I2C INTERFACE
The ADN2805 supports a 2-wire, I2C-compatible, serial bus
driving multiple peripherals. Two inputs, serial data (SDA) and
serial clock (SCK), carry information between any devices
connected to the bus. Each slave device is recognized by a
unique address. The ADN2805 has two possible 7-bit slave
addresses for both read and write operations. The MSB of the
7-bit slave address is factory programmed to 1. Bit 5 of the slave
address is set by Pin 19, SADDR5. Slave Address Bits[4:0] are
defaulted to all 0s. The slave address consists of the 7 MSBs of
an 8-bit word. The LSB of the word either sets a read or write
operation (see Figure 6). Logic 1 corresponds to a read
operation whereas Logic 0 corresponds to a write operation.
To control the device on the bus, the following protocol must be
followed. First, the master initiates a data transfer by establishing
a start condition, defined by a high-to-low transition on SDA
while SCK remains high. This indicates that an address/data
stream follows. All peripherals respond to the start condition
and shift the next eight bits (the 7-bit address and the R/W bit).
The bits are transferred from MSB to LSB. The peripheral that
recognizes the transmitted address responds by pulling the data
line low during the ninth clock pulse. This is known as an acknowl-
edge bit. All other devices withdraw from the bus at this point
and maintain an idle condition. The idle condition is where the
device monitors the SDA and SCK lines waiting for the start
condition and correct transmitted address. The R/W bit deter-
mines the direction of the data. Logic 0 on the LSB of the first
byte means that the master writes information to the peripheral.
Logic 1 on the LSB of the first byte means that the master reads
information from the peripheral.
The ADN2805 acts as a standard slave device on the bus. The data
on the SDA pin is eight bits long, supporting the 7-bit addresses,
plus the R/W bit. The ADN2805 has eight subaddresses to enable
the user-accessible internal registers (see
through
). It, therefore, interprets the first byte as the device address
and the second byte as the starting subaddress. Auto-increment
mode is supported, allowing data to be read from or written to
the starting subaddress and each subsequent address without
manually addressing the subsequent subaddress. A data trans-
fer is always terminated by a stop condition. The user can also
access any unique subaddress register on a one-by-one basis
without updating all registers.
Table 7
Table
11
Stop and start conditions can be detected at any stage of the
data transfer. If these conditions assert out of sequence with
normal read and write operations, they cause an immediate
jump to the idle condition. During a given SCK high period,
the user should issue one start condition, one stop condition,
or a single stop condition followed by a single start condition.
If an invalid subaddress is issued by the user, the ADN2805
does not issue an acknowledge and returns to the idle condi-
tion. If the user exceeds the highest subaddress while reading
back in auto-increment mode, the highest subaddress register
contents continue to be output until the master device issues a
no-acknowledge. This indicates the end of a read. In a no-acknowl-
edge condition, the SDATA line is not pulled low on the ninth
pulse. See Figure 7 and Figure 8 for sample read and write data
transfers and Figure 9 for a more detailed timing diagram.


Similar Part No. - ADN2805ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2805ACPZ-RL7 AD-ADN2805ACPZ-RL7 Datasheet
355Kb / 16P
   1.25 Gbps Clock and Data Recovery IC
REV. 0
More results

Similar Description - ADN2805ACPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2805 AD-ADN2805 Datasheet
355Kb / 16P
   1.25 Gbps Clock and Data Recovery IC
REV. 0
ADN2806 AD-ADN2806 Datasheet
408Kb / 20P
   622 Mbps Clock and Data Recovery IC
REV. 0
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Maxim Integrated Produc...
MAX3876 MAXIM-MAX3876_V01 Datasheet
938Kb / 10P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
19-1631; Rev 0a; 8/01
logo
Vitesse Semiconductor C...
VSC8238 VITESSE-VSC8238 Datasheet
477Kb / 2P
   10.3125 Gbps Advanced Electronic Equalization with Limiting Amplifier, and Clock and Data Recovery
logo
Maxim Integrated Produc...
MAX3875 MAXIM-MAX3875 Datasheet
126Kb / 8P
   2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC
Rev 0; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com