Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADL5315 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5315
Description  Precision Wide Range High-Side Current Mirror
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5315 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5315 Datasheet HTML 4Page - Analog Devices ADL5315 Datasheet HTML 5Page - Analog Devices ADL5315 Datasheet HTML 6Page - Analog Devices ADL5315 Datasheet HTML 7Page - Analog Devices ADL5315 Datasheet HTML 8Page - Analog Devices ADL5315 Datasheet HTML 9Page - Analog Devices ADL5315 Datasheet HTML 10Page - Analog Devices ADL5315 Datasheet HTML 11Page - Analog Devices ADL5315 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ADL5315
Data Sheet
Rev. A | Page 8 of 17
1.010
0.990
2
8
VPOS (V)
1.005
1.000
0.995
3
+85
+25
–40
4
5
6
7
Figure 15. VPOS − VINPT vs. VPOS for Multiple Temperatures
25
0
0.99
IOUT/IINPT (A/A)
20
15
10
5
0.993
0.996
0.999
1.002
1.005
1.008
N = 2014
MEAN = 1.00251
SD = 0.00175921
Figure 16. Distribution of IOUT/IINPT for VPOS = 5 V, VSET = 4 V, and IINPT = 3 µA
35
0
–0.97
–1.03
VSREF – VPOS (V)
30
25
20
15
10
5
–0.98
–0.99
–1.00
–1.01
–1.02
N = 2027
MEAN = –1.00696
SD = 0.00389073
Figure 17. Distribution of VSREF − VPOS for VPOS = 5 V and IINPT = 3 µA
25
0
–0.03
0.03
VSET – VINPT (V)
20
15
5
10
–0.02
–0.01
0
0.01
0.02
N = 2034
MEAN = 0.00122744
SD = 0.00403179
Figure 18. Distribution of VSET − VINPT for VPOS = 5 V, VSET = 4 V, and IINPT = 3 μA


Similar Part No. - ADL5315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5315 AD-ADL5315 Datasheet
407Kb / 20P
   Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
REV. 0
ADL5315-EVAL AD-ADL5315-EVAL Datasheet
407Kb / 20P
   Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
REV. 0
ADL5315ACPZ-R7 AD-ADL5315ACPZ-R7 Datasheet
407Kb / 20P
   Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
REV. 0
ADL5315ACPZ-WP AD-ADL5315ACPZ-WP Datasheet
407Kb / 20P
   Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
REV. 0
ADL5315 AD-ADL5315_15 Datasheet
407Kb / 20P
   Precision Wide Range High-Side Current Mirror
REV. 0
More results

Similar Description - ADL5315

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5315 AD-ADL5315_15 Datasheet
407Kb / 20P
   Precision Wide Range High-Side Current Mirror
REV. 0
ADL5315 AD-ADL5315 Datasheet
407Kb / 20P
   Precision Wide Range (3 nA to 3 mA) High-Side Current Mirror
REV. 0
logo
Diodes Incorporated
ZXCT1050 DIODES-ZXCT1050 Datasheet
604Kb / 10P
   Precision wide input range current monitor
logo
Zetex Semiconductors
ZXCT1051 ZETEX-ZXCT1051 Datasheet
129Kb / 8P
   Precision wide input range current monitor
ZXCT1051_0611 ZETEX-ZXCT1051_0611 Datasheet
667Kb / 10P
   Precision wide input range current monitor
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
   Precision wide input range current monitor
logo
Diodes Incorporated
ZXCT1051 DIODES-ZXCT1051 Datasheet
679Kb / 10P
   Precision wide input range current monitor
logo
Motorola, Inc
MC1466L MOTOROLA-MC1466L Datasheet
1Mb / 16P
   PRECISION WIDE RANGE VOLTAGE AND CURRENT REGULATOR
logo
Nell Semiconductor Co.,...
D1600C NELLSEMI-D1600C Datasheet
225Kb / 5P
   Wide current range
logo
Maxim Integrated Produc...
DS3923 MAXIM-DS3923 Datasheet
817Kb / 15P
   High-Speed Current Mirror
Rev 1; 8/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com