Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8318ACPZ-WP Datasheet(PDF) 24 Page - Analog Devices

Part # AD8318ACPZ-WP
Description  Logarithmic Detector/Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-WP Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8318ACPZ-WP Datasheet HTML 16Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 17Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 18Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 19Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 20Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 21Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 22Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 23Page - Analog Devices AD8318ACPZ-WP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
AD8318
Data Sheet
Rev. D | Page 24 of 24
OUTLINE DIMENSIONS
4.10
4.00 SQ
3.90
0.35
0.30
0.25
2.25
2.10 SQ
1.95
1
0.65
BSC
BOTTOM VIEW
TOP VIEW
16
5
8
9
12
13
4
0.70
0.60
0.50
SEATING
PLANE
0.05 MAX
0.02 NOM
0.203 REF
0.20 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.80
0.75
0.70
COMPLIANT
TO JEDEC STANDARDS MO-220-WGGC.
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
EXPOSED
PAD
SIDE VIEW
Figure 51. 16-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-16-23)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Ordering
Quantity
AD8318ACPZ-REEL7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
1,500
AD8318ACPZ-R2
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
250
AD8318ACPZ-WP
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-23
64
AD8318-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
2 WP = waffle pack.
©2004–2017 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04853-0-12/17(D)


Similar Part No. - AD8318ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318ACPZ-WP AD-AD8318ACPZ-WP Datasheet
2Mb / 24P
   1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
REV. 0
AD8318ACPZ-WP AD-AD8318ACPZ-WP Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
REV. A
AD8318ACPZ-WP AD-AD8318ACPZ-WP Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results

Similar Description - AD8318ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
   Logarithmic Detector/Controller
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
   LOGARITHMIC DETECTOR / CONTROLLER
HMC601LP4 AD-HMC601LP4 Datasheet
494Kb / 8P
   FAST SETTLING, LOGARITHMIC DETECTOR / CONTROLLER
HMC948LP3E AD-HMC948LP3E Datasheet
654Kb / 8P
   LOGARITHMIC DETECTOR
HMC1094 AD-HMC1094 Datasheet
563Kb / 14P
   Logarithmic Detector
HMC662LP3E AD-HMC662LP3E Datasheet
473Kb / 8P
   LOGARITHMIC DETECTOR
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com