Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXFH48N50 Datasheet(PDF) 4 Page - IXYS Corporation

Part No. IXFH48N50
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH48N50 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFH48N50 Datasheet HTML 1Page - IXYS Corporation IXFH48N50 Datasheet HTML 2Page - IXYS Corporation IXFH48N50 Datasheet HTML 3Page - IXYS Corporation IXFH48N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
C1 - 187
© 2000 IXYS All rights reserved
IXFN / IXFK 44N50
IXFN / IXFK 48N50
Fig.10 Transient Thermal Impedance
V
SD - Volt
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
10
20
30
40
50
60
70
80
90
100
Time - Seconds
0.001
0.01
0.1
1
0.01
0.1
V
DS - Volts
0
5
10
15
20
25
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
C
rss
C
oss
Gate Charge - nCoulombs
0
50
100 150 200
250 300 350
400
0
1
2
3
4
5
6
7
8
9
10
C
iss
V
DS = 250V
I
D = 24A
I
G = 10mA
f = 1 MHz
V
DS = 25V
T
J = 125°C
T
J = 25°C
Fig.7 Gate Charge Characteristic Curve
Fig.8 Capacitance Curves
Fig.9 Source Current vs. Source
to Drain Voltage


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IXFN73N30Q HiPerFET Power MOSFETs Q-Class 1  2  IXYS Corporation
IXFH21N50 HiPerFET Power MOSFETs MOSFETs 1  2  3  4  IXYS Corporation
IXFR180N10 HiPerFET Power MOSFETs ISOPLUS247 1  2  IXYS Corporation
IXFN180N06 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFK24N120Q2 HiPerFET Power MOSFETs Q-Class 1  2  IXYS Corporation
IXFN21N100Q HiPerFET TM Power MOSFETs Q-Class 1  2  3  4  IXYS Corporation
IXFA3N80 HiPerFET Power MOSFETs 1  2  IXYS Corporation
IXFK25N90 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFN340N06 HiPerFET Power MOSFETs Single Die MOSFET 1  2  IXYS Corporation
IXFH26N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn