Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXFH48N50 Datasheet(PDF) 3 Page - IXYS Corporation

Part No. IXFH48N50
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH48N50 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFH48N50 Datasheet HTML 1Page - IXYS Corporation IXFH48N50 Datasheet HTML 2Page - IXYS Corporation IXFH48N50 Datasheet HTML 3Page - IXYS Corporation IXFH48N50 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
C1 - 186
© 2000 IXYS All rights reserved
IXFN / IXFK 44N50
IXFN / IXFK 48N50
Fig. 1 Output Characteristics
Fig. 2 Input Admittance
Fig. 5 Drain Current vs.
Fig. 6 Temperature Dependence of
Case Temperature
Breakdown and Threshold Voltage
Fig. 3 R
DS(on) vs. Drain Current
Fig. 4 Temperature Dependence
of Drain to Source Resistance
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
BV
DSS
V
GS(th)
T
C - Degrees C
-50
-25
0
255075
100 125 150
0
10
20
30
40
50
60
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
I
D - Amperes
0
1020
304050
60708090 100
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
V
GS - Volts
01
23
456
78
9
10
0
10
20
30
40
50
60
70
80
90
100
V
DS - Volts
0
5
10
15
20
25
30
35
0
10
20
30
40
50
60
70
80
90
100
5V
6V
7V
V
GS = 10V
V
GS = 10V
V
GS = 15V
I
D = 24A
44N50
48N50
T
J = 25°C
T
J = 25°C
T
J = 25°C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IXFN73N30Q HiPerFET Power MOSFETs Q-Class 1  2  IXYS Corporation
IXFH21N50 HiPerFET Power MOSFETs MOSFETs 1  2  3  4  IXYS Corporation
IXFR180N10 HiPerFET Power MOSFETs ISOPLUS247 1  2  IXYS Corporation
IXFN180N06 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFK24N120Q2 HiPerFET Power MOSFETs Q-Class 1  2  IXYS Corporation
IXFN21N100Q HiPerFET TM Power MOSFETs Q-Class 1  2  3  4  IXYS Corporation
IXFA3N80 HiPerFET Power MOSFETs 1  2  IXYS Corporation
IXFK25N90 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFN340N06 HiPerFET Power MOSFETs Single Die MOSFET 1  2  IXYS Corporation
IXFH26N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn