Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD8270 Datasheet(PDF) 19 Page - Analog Devices

Part No. AD8270
Description  Precision Dual-Channel Difference Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8270 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8270_16 Datasheet HTML 12Page - Analog Devices AD8270_16 Datasheet HTML 13Page - Analog Devices AD8270_16 Datasheet HTML 14Page - Analog Devices AD8270_16 Datasheet HTML 15Page - Analog Devices AD8270_16 Datasheet HTML 16Page - Analog Devices AD8270_16 Datasheet HTML 17Page - Analog Devices AD8270_16 Datasheet HTML 18Page - Analog Devices AD8270_16 Datasheet HTML 19Page - Analog Devices AD8270_16 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Data Sheet
AD8270
Rev. A | Page 19 of 20
OUTLINE DIMENSIONS
*COMPLIANT TO JEDEC STANDARDS MO-220-WGGC-3
WITH EXCEPTION TO THE EXPOSED PAD.
1
0.65
BSC
16
5
8
9
12
13
4
PIN 1
INDICATOR
4.10
4.00 SQ
3.90
0.50
0.40
0.30
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.20 REF
0.25 MIN
COPLANARITY
0.08
PIN 1
INDICATOR
0.35
0.30
0.25
*2.40
2.35 SQ
2.30
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
BOTTOM VIEW
TOP VIEW
EXPOSED
PAD
Figure 52. 16-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.75 mm Package Height
(CP-16-20)
Dimensions are shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD8270ACPZ-R7
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-20
AD8270ACPZ-RL
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-20
AD8270ACPZ-WP
−40°C to +85°C
16-Lead Lead Frame Chip Scale Package [LFCSP]
CP-16-20
1
Z = RoHS Compliant Part.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn