Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL8499 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL8499
Description  Ultra Low ON-Resistance, 1.65V to 4.5V, Single Supply, Quad SPDT (Dual DPDT) Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL8499 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
FN6111.0
January 27, 2005
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.7V
Input Voltages
NO, NC, IN (Note 2) . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Output Voltages
COM (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to ((V+) + 0.3V)
Continuous Current NO, NC, or COM . . . . . . . . . . . . . . . . .
±300mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . . . . . . . .
±500mA
ESD Rating:
HBM COMX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>9kV
HBM NOX, NCX, INX, V+, GND . . . . . . . . . . . . . . . . . . . . . . .>4kV
MM COMX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>500V
MM NOX, NCX, INX, V+, GND . . . . . . . . . . . . . . . . . . . . . . .>300V
CDM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>1kV
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
QFN Package (Note 4). . . . . . . . . . . . . . . . . . . . . . .
70
TSSOP Package (Note 3) . . . . . . . . . . . . . . . . . . . .
150
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range. . . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
Operating Conditions
Temperature Range
ISL8499IX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
2. Signals on NC, NO, IN, or COM exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings.
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Electrical Specifications - 4.3V Supply
Test Conditions: V+ = +3.9V to +4.5V, GND = 0V, VINH = 1.6V, VINL = 0.5V (Notes 4, 6),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 3.9V, ICOM = 100mA, VNO or VNC = 0V to V+,
(See Figure 5)
25
-
0.25
-
Full
-
0.28
-
RON Matching Between Channels,
∆RON
V+ = 3.9V, ICOM = 100mA, VNO or VNC = Voltage at
max RON,(Note 9)
25
-
0.04
-
Full
-
0.05
-
RON Flatness, RFLAT(ON)
V+ = 3.9V, ICOM = 100mA, VNO or VNC = 0V to V+,
(Note 7)
25
-
0.05
-
Full
-
0.05
-
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 4.5V, VCOM = 0.3V, 3V, VNO or VNC = 3V, 0.3V
25
-50
-
50
nA
Full
-150
-
150
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 4.5V, V
COM = 0.3V, 3V, or VNO or VNC = 0.3V,
3V, or Floating
25
-50
-
50
nA
Full
-150
-
150
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 3.9V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 8)
25
-
15
25
ns
Full
-
-
30
ns
Turn-OFF Time, tOFF
V+ = 3.9V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF,
(See Figure 1, Note 8)
25
-
13
23
ns
Full
-
-
28
ns
Break-Before-Make Time Delay, tD
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50Ω, CL = 35pF,
(See Figure 3, Note 8)
Full
2
3
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω, (See Figure 2)
25
-
-120
-
pC
OFF Isolation
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 4)
25
-
68
-
dB
Crosstalk (Channel-to-Channel)
RL = 50Ω, CL = 5pF, f = 100kHz, VCOM = 1VRMS,
(See Figure 6)
25
-
-98
-
dB
ISL8499


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn