Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC299 Datasheet(PDF) 5 Page - Integral Corp.

Part No. IN74HC299
Description  8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC299 Datasheet(HTML) 5 Page - Integral Corp.

  IN74HC299 Datasheet HTML 1Page - Integral Corp. IN74HC299 Datasheet HTML 2Page - Integral Corp. IN74HC299 Datasheet HTML 3Page - Integral Corp. IN74HC299 Datasheet HTML 4Page - Integral Corp. IN74HC299 Datasheet HTML 5Page - Integral Corp. IN74HC299 Datasheet HTML 6Page - Integral Corp. IN74HC299 Datasheet HTML 7Page - Integral Corp. IN74HC299 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IN74HC299
5
TIMING REQUIREMENTS(CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C to-
55
°C
≤85°C
≤125°C
Unit
tsu
Minimum Setup Time, Mode
Select S1 or S2 to Clock
(Figure 4)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
tsu
Minimum Setup Time, Data
Inputs SA, SH, PA thru PH to
Clock
(Figure 4)
2.0
4.5
6.0
100
20
17
125
25
21
150
30
26
ns
th
Minimum Hold Time, Clock to
Mode Select S1 or S2 (Figure
4)
2.0
4.5
6.0
120
24
20
150
30
26
180
36
31
ns
th
Minimum Hold Time, Clock to
Data Inputs, SA, SH, PA thru PH
(Figure 4)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
trec
Minimum
Recovery
Time,
Reset Inactive to Clock (Figure
2)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tw
Minimum Pulse Width, Reset
(Figure 2)
2.0
4.5
6.0
80
16
14
100
20
17
120
24
20
ns
tr, tf
Maximum Input Rise and Fall
Times (Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn