Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC299 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74HC299
Description  8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74HC299 Datasheet(HTML) 4 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IN74HC299
4
AC ELECTRICAL CHARACTERISTICS(CL=50pF,Input tr=tf=6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
25
°C
to
-55
°C
≤85°C ≤125°
C
Unit
fmax
Maximum Clock Frequency (50% Duty
Cycle) (Figures 1 and 5)
2.0
4.5
6.0
5.0
25
29
4.0
20
24
3.4
17
20
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to
QA’ or QH’ (Figures 1 and 5)
2.0
4.5
6.0
170
34
29
215
43
37
255
51
43
ns
tPLH,
tPHL
Maximum Propagation Delay, Clock to
QA thru QH (Figures 1 and 5)
2.0
4.5
6.0
160
32
27
200
40
34
240
48
41
ns
tPHL
Maximum Propagation Delay, Reset to
QA’ or QH’ (Figures 2 and 5)
2.0
4.5
6.0
175
35
30
220
44
37
265
53
45
ns
tPHL
Maximum Propagation Delay, Reset to
QA thru QH (Figures 2 and 5)
2.0
4.5
6.0
190
38
32
240
48
41
285
57
48
ns
tPLZ,
tPHZ
Maximum Propagation Delay , OE1,
OE2, S1, or S2 to QA thru QH (Figures 3
and 6)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tPZL,
tPZH
Maximum Propagation Delay , OE1,
OE2, S1, or S2 to QA thru QH (Figures 3
and 6)
2.0
4.5
6.0
150
30
26
190
38
33
225
45
38
ns
tTLH, tTHL Maximum Output Transition Time, QA
thru QH (Figures 1 and 5)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
tTLH, tTHL Maximum Output Transition Time, QA
thru QH’ (Figures 1 and 5)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance)
-
10
10
10
pF
COUT
Maximum Three-State I/O Capacitance
(I/O in High-Impedance State), QA thru
QH
-
15
15
15
pF
Power Dissipation Capacitance (Per
Package), Output Enable
Typical @25
°C,VCC=5.0 V
CPD
Used to determine the no-load dynamic
power
consumption:
PD=CPDVCC
2f+ICCVCC
240
pF


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn