Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC299 Datasheet(PDF) 3 Page - Integral Corp.

Part No. IN74HC299
Description  8-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER WITH PARALLEL I/O
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74HC299 Datasheet(HTML) 3 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IN74HC299
3
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed Limit
Symbol Parameter
Test Conditions
V
25
°C
to
-55
°C
≤85
°C
≤125
°C
Unit
VIH
Minimum High-
Level Input
Voltage
VOUT=0.1 V or VCC-0.1 V
IOUT≤ 20 µA
2.0
4.5
6.0
1.5
3.15
4.2
1.5
3.15
4.2
1.5
3.15
4.2
V
VIL
Maximum Low -
Level Input
Voltage
VOUT=0.1 V or VCC-0.1 V
IOUT ≤ 20 µA
2.0
4.5
6.0
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
VOH
Minimum High-
Level Output
Voltage
VIN=VIH or VIL
IOUT ≤ 20 µA
2.0
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
1.9
4.4
5.9
V
VIN=VIH or VIL
IOUT ≤ 6.0 mA (P/Q)
IOUT ≤ 7.8 mA (P/Q)
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VIN=VIH or VIL
IOUT ≤ 4.0 mA (Q’)
IOUT ≤ 5.2 mA (Q’)
4.5
6.0
3.98
5.48
3.84
5.34
3.7
5.2
VOL
Maximum Low-
Level Output
Voltage
VIN= VIL or VIH
IOUT ≤ 20 µA
2.0
4.5
6.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN=VIH or VIL
IOUT ≤ 6.0 mA (P/Q)
IOUT ≤ 7.8 mA (P/Q)
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
VIN=VIH or VIL
IOUT ≤ 4.0 mA (Q’)
IOUT ≤ 5.2 mA (Q’)
4.5
6.0
0.26
0.26
0.33
0.33
0.4
0.4
IIN
Maximum Input
Leakage Current
VIN=VCC or GND
6.0
±0.1
±1.0
±1.0
µA
IOZ
Maximum Three-
State Leakage
Current
(QA thru QH)
Output in High-
Impedance State
VIN= VIL or VIH
VOUT=VCC or GND
6.0
±0.5
±5.0
±10
µA
ICC
Maximum
Quiescent Supply
Current
(per Package)
VIN=VCC or GND
IOUT=0µA
6.0
8.0
80
160
µA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn