Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74ACT374 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74ACT374
Description  OCTAL 3-STATE NONINVERTING D FLIP-FLOP High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT374 Datasheet(HTML) 4 Page - Integral Corp.

  IN74ACT374 Datasheet HTML 1Page - Integral Corp. IN74ACT374 Datasheet HTML 2Page - Integral Corp. IN74ACT374 Datasheet HTML 3Page - Integral Corp. IN74ACT374 Datasheet HTML 4Page - Integral Corp. IN74ACT374 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74ACT374
4
AC ELECTRICAL CHARACTERISTICS(VCC=5.0 V ± 10%, CL=50pF,Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
100
90
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
2.0
10
2.0
11.5
ns
tPHL
Propagation Delay, Clock to Q (Figure 1)
2.0
9.5
1.5
11
ns
tPZH
Propagation Delay, Output Enable to Q
(Figure 2)
2.0
9.5
1.5
10.5
ns
tPZL
Propagation Delay, Output Enable to Q
(Figure 2)
1.5
9.0
1.5
10.5
ns
tPHZ
Propagation Delay, Output Enable to Q
(Figure 2)
1.5
11.5
1.0
12.5
ns
tPLZ
Propagation Delay, Output Enable to Q
(Figure 2)
1.5
8.5
1.0
10
ns
CIN
Maximum Input Capacitance
4.5
4.5
pF
Typical @25
°C,VCC=5.0 V
CPD
Power Dissipation Capacitance
80
pF
TIMING REQUIREMENTS (VCC=5.0 V ± 10%,(CL=50pF, Input tr=tf=3.0 ns)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum
Setup
Time,Data
to
Clock
(Figure 3)
5.0
5.5
ns
th
Minimum
Hold
Time,
Clock
to Data
(Figure 3)
1.5
1.5
ns
tw
Minimum Pulse Width, Clock (Figure 1)
5.0
5.0
ns


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn