Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILA1068 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ILA1068
Description  Versatile Telephone Transmission Circuit with Dialler Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILA1068 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ILA1068 Datasheet HTML 3Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 4Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 5Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 6Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 7Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 8Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 9Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 10Page - List of Unclassifed Manufacturers ILA1068 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ILA1068
11
CHIP PAD DIAGRAM
Location of marking (mm): left lower corner x=0.180, y=2.555.
Chip thickness: 0.46
± 0.02 mm.
Location (left lower corner), mm
Pad No
Symbol
X
Y
Pad size, mm
01
LN
0.268
1.133
0.140 x 0.140
02
GAS1
0.268
0.784
0.140 x 0.140
03
GAS2
0.268
0.284
0.140 x 0.140
04
QR-
0.804
0.284
0.140 x 0.140
05
QR+
1.068
0.284
0.140 x 0.140
06
GAR
1.708
0.284
0.140 x 0.140
07
MIC-
2.807
0.284
0.140 x 0.140
08
-
2.807
0.554
0.140 x 0.140
09
MIC+
2.807
0.738
0.140 x 0.140
10
-
2.807
1.075
0.140 x 0.140
11
STAB
2.807
1.293
0.140 x 0.140
12
VEE
2.807
1.619
0.140 x 0.140
13
IR
2.807
1.911
0.140 x 0.140
14
PD
2.807
2.350
0.140 x 0.140
15
DTMF
1.825
2.350
0.140 x 0.140
16
MUTE
1.584
2.350
0.140 x 0.140
17
VCC
1.086
2.350
0.140 x 0.140
18
REG
0.320
2.350
0.140 x 0.140
19
AGC
0.268
1.936
0.140 x 0.140
20
SLPE
0.268
1.686
0.140 x 0.140
01
10
02
X
Y
11
20
19
03
(0,0)
12
04
13
05
3.2+ 0.03
14
Chip marking
14152
06
15
07
16
08
17
09
18


Similar Part No. - ILA1068

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
IK Semicon Co., Ltd
ILA1062 IKSEMICON-ILA1062 Datasheet
239Kb / 11P
   Provides a supply for external circuits
logo
Integral Corp.
ILA1062A INTEGRAL-ILA1062A Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
More results

Similar Description - ILA1068

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com