Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR553 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. BCR553
Description  PNP Silicon Digital Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR553 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BCR553 Datasheet HTML 1Page - Infineon Technologies AG BCR553 Datasheet HTML 2Page - Infineon Technologies AG BCR553 Datasheet HTML 3Page - Infineon Technologies AG BCR553 Datasheet HTML 4Page - Infineon Technologies AG BCR553 Datasheet HTML 5Page - Infineon Technologies AG BCR553 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2011-07-28
2
BCR553
Electrical Characteristics
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 100 µA, IB = 0
V(BR)CEO
50
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
V(BR)CBO
50
-
-
Collector-base cutoff current
VCB = 50 V, IE = 0
ICBO
-
-
100
nA
Emitter-base cutoff current
VEB = 10 V, IC = 0
IEBO
-
-
3.5
mA
DC current gain-
IC = 50 mA, VCE = 5 V
hFE
40
-
-
-
Collector-emitter saturation voltage1)
IC = 50 mA, IB = 2.5 mA
VCEsat
-
-
0.3
V
Input off voltage
IC = 100 µA, VCE = 5 V
Vi(off)
0.6
-
1.5
Input on voltage
IC = 10 mA, VCE = 0.3 V
Vi(on)
1
-
1.8
Input resistor
R1
1.5
2.2
2.9
k
Resistor ratio
R1/R2
0.9
1
1.1
-
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 5 V, f = 100 MHz
fT
-
150
-
MHz
1Pulse test: t < 300µs; D < 2%


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn