Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR553 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. BCR553
Description  PNP Silicon Digital Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR553 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BCR553 Datasheet HTML 1Page - Infineon Technologies AG BCR553 Datasheet HTML 2Page - Infineon Technologies AG BCR553 Datasheet HTML 3Page - Infineon Technologies AG BCR553 Datasheet HTML 4Page - Infineon Technologies AG BCR553 Datasheet HTML 5Page - Infineon Technologies AG BCR553 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2011-07-28
1
BCR553
1
2
3
PNP Silicon Digital Transistor
• Built in bias resistor (R1= 2.2 kΩ, R2= 2.2 kΩ)
• Pb-free (RoHS compliant) package
• Qualified according AEC Q101
EHA07183
3
2
1
C
E
B
R1
R 2
Type
Marking
Pin Configuration
Package
BCR553
XBs
1=B
2=E
3=C
SOT23
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCEO
50
V
Collector-base voltage
VCBO
50
Input forward voltage
Vi(fwd)
20
Input reverse voltage
Vi(rev)
10
Collector current
IC
500
mA
Total power dissipation-
TS ≤ 79 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 215
K/W
1For calculation of RthJA please refer to Application Note AN077 (Thermal Resistance Calculation)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn