Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCR505 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. BCR505
Description  NPN Silicon Digital Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR505 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCR505 Datasheet HTML 1Page - Infineon Technologies AG BCR505 Datasheet HTML 2Page - Infineon Technologies AG BCR505 Datasheet HTML 3Page - Infineon Technologies AG BCR505 Datasheet HTML 4Page - Infineon Technologies AG BCR505 Datasheet HTML 5Page - Infineon Technologies AG BCR505 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2011-07-28
4
BCR505
Total power dissipation Ptot = ƒ(TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
250
300
mW
400
Permissible Pulse Load RthJS = ƒ(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
Ptotmax/PtotDC = ƒ(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
4
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn