Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ODD-900-001 Datasheet(PDF) 3 Page - OptoDiode Corp

Part # ODD-900-001
Description  SURFACE MOUNT PHOTODIODE WITH DAYLIGHT FILTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp

ODD-900-001 Datasheet(HTML) 3 Page - OptoDiode Corp

  ODD-900-001_15 Datasheet HTML 1Page - OptoDiode Corp ODD-900-001_15 Datasheet HTML 2Page - OptoDiode Corp ODD-900-001_15 Datasheet HTML 3Page - OptoDiode Corp ODD-900-001_15 Datasheet HTML 4Page - OptoDiode Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1260 Calle Suerte, Camarillo, California 93012
Phone: (805) 499-0335, Fax: (805) 499-8108
Email: sales@optodiode.com, Website: www.optodiode.com
SURFACE MOUNT PHOTODIODE WITH DAYLIGHT FILTER
ODD-900-001
1 Soldering Conditions
1.0
Pb-free solder temperature profile
1.1
Reflow soldering should not be done more than twice
1.2
Do not stress the PD while soldering
1.3
Don’t flex the circuit board after soldering
2.0
Soldering Iron
2.1
Each terminal should touch the tip of soldering iron (at 280°C) for less than for three seconds.
Use a minimum two second interval between soldering each terminal. Use caution as product
damage is often started during hand soldering.
2.2
The tip of soldering iron (at 280°) should be in contact with each terminal for less than
three seconds. Pause for a minimum two second interval between soldering each terminal.
Use caution as damage to the PD is often started during hand soldering.
1~5°C/sec
1~5°C/sec
260°C Max
10 sec Max
120 sec Max
60 sec Max
Above 220°C
Pre-heating
180~200°C
Revision February 26, 2013


Similar Part No. - ODD-900-001_15

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODD-900-001 OPTODIODE-ODD-900-001 Datasheet
308Kb / 2P
   SURFACE MOUNT PHOTODIODE WITH DAYLIGHT FILTER
More results

Similar Description - ODD-900-001_15

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
ODD-900-001 OPTODIODE-ODD-900-001 Datasheet
308Kb / 2P
   SURFACE MOUNT PHOTODIODE WITH DAYLIGHT FILTER
logo
OSRAM GmbH
BP104FAS OSRAM-BP104FAS Datasheet
217Kb / 6P
   Silicon Pin Photodiode with Daylight Filter
logo
Siemens Semiconductor G...
BPX90K SIEMENS-BPX90K Datasheet
145Kb / 2P
   WITH DAYLIGHT FILTER PLANAR SILICON PHOTODIODE
SFH248 SIEMENS-SFH248 Datasheet
105Kb / 2P
   WITH DAYLIGHT FILTER SILICON DIFFERENTIAL PHOTODIODE
SFH225FA SIEMENS-SFH225FA Datasheet
68Kb / 4P
   Silicon PIN Photodiode with Daylight Filter
logo
CT Micro International ...
PDP93016BP24 CTMICRO-PDP93016BP24 Datasheet
859Kb / 10P
   SMD Type Photodiode with Daylight Filter
Rev 0.1 Jan, 2017
logo
OSRAM GmbH
BPW34FA OSRAM-BPW34FA_16 Datasheet
211Kb / 8P
   Silicon PIN Photodiode with Daylight Filter
BPW34F OSRAM-BPW34F Datasheet
210Kb / 8P
   Silicon PIN Photodiode with Daylight Blocking Filter
SFH225FA OSRAM-SFH225FA Datasheet
156Kb / 10P
   Silicon PIN Photodiode with Daylight Blocking Filter
SFH235FA OSRAM-SFH235FA Datasheet
239Kb / 9P
   Silicon PIN Photodiode with Daylight Blocking Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com