Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL1083 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL1083
Description  IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 7,5
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IL1083 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL1083 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL1083 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL1083 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL1083 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IL1083
Korzhenevskogo 12, Minsk, 220064, Republic of Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 277 24 70, 277 24 61,
277 69 16
E-mail: belms@belms.belpak.minsk.by
URL: www.bms.by
Ñ1, Ñ2 – smoothing capacitors, C1=10 mkF, Ñ2=100 mkF (Ta),
D1 - IC,
R1, R2 - resistors, R1=121 Îì
± 1%, R2 – adjusted with accuracy 1%.
Output voltage Uo, V, is defined by formula:
U
U
R
R
I
R
O
ref
Adj
=
+
+
(
)
1
2
1
2 ,
Where U ref - reference voltage, V,
I
Adj - adjustment current, mkA.
Since IADJ has values not more than 120 mkA, inaccuracy dependent on this
value for Uo – is minor.
Figure 1 – Connection circuit of adjustable voltage regulator
U
O
Input
U
IN
Output
IL1083
D1
R2
R1
bottom of
case
02
01
Co
Cin
Adjust
I
Adj


Similar Part No. - IL1083

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL1084 ETC-IL1084 Datasheet
45Kb / 4P
   IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH LOW RESIDUAL VOLTAGE AND LOAD CURRENT 5A
logo
Estek Electronics Co. L...
IL1084-1.5BT2 ESTEK-IL1084-1.5BT2 Datasheet
204Kb / 2P
   CHIP LOW DROPOUT POSITIVE REGULATOR 5A
logo
IK Semicon Co., Ltd
IL1084-1.8 IKSEMICON-IL1084-1.8 Datasheet
459Kb / 15P
   5A LOW DROPOUT POSITIVE REGULATOR
logo
Estek Electronics Co. L...
IL1084-1.8BT2 ESTEK-IL1084-1.8BT2 Datasheet
204Kb / 2P
   CHIP LOW DROPOUT POSITIVE REGULATOR 5A
IL1084-2.5BT2 ESTEK-IL1084-2.5BT2 Datasheet
204Kb / 2P
   CHIP LOW DROPOUT POSITIVE REGULATOR 5A
More results

Similar Description - IL1083

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL1084 ETC-IL1084 Datasheet
45Kb / 4P
   IC OF ADJUSTABLE VOLTAGE REGULATOR OF POSITIVE POLARITY WITH LOW RESIDUAL VOLTAGE AND LOAD CURRENT 5A
logo
Integral Corp.
IL1085 INTEGRAL-IL1085 Datasheet
180Kb / 4P
   IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 3 ?
ILE4270G INTEGRAL-ILE4270G Datasheet
192Kb / 6P
   IC OF 5 V/550MA POWER VOLTAGE REGULATOR WITH LOW RESIDUAL VOLTAGE (ANALOG OF TLE4270G BY SIEMENS)
logo
Dc Components
DM78L09 DCCOM-DM78L09 Datasheet
236Kb / 1P
   TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L12 DCCOM-DM78L12 Datasheet
239Kb / 1P
   TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L08 DCCOM-DM78L08 Datasheet
236Kb / 1P
   TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L06 DCCOM-DM78L06 Datasheet
239Kb / 1P
   TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
DM78L05 DCCOM-DM78L05 Datasheet
238Kb / 1P
   TECHNICAL SPECIFICATIONS OF LOW CURRENT POSITIVE VOLTAGE REGULATOR
logo
Hi-Sincerity Mocroelect...
H7806AM HSMC-H7806AM Datasheet
33Kb / 3P
   Low Current Positive Voltage Regulator Of Surface Mount Device
H7805AM HSMC-H7805AM Datasheet
35Kb / 3P
   Low Current Positive Voltage Regulator Of Surface Mount Device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com