Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT71V416VS Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT71V416VS
Description  3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT71V416VS Datasheet(HTML) 3 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6.42
IDT71V416VS, IDT71V416VL 3.3V CMOS Static RAM
4 Meg (256K x 16-Bit)
Commercial and Industrial Temperature Ranges
3
Absolute Maximum Ratings(1)
RecommendedOperating
Temperature and Supply
Voltage
Recommended DC Operating
Conditions
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated
in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
NOTES:
1. VIH (max) = VDD + 1.0V a.c. (pulse width less than tCYC/2) for I < 20 mA, once
per cycle.
2. VIL (min) = –1.0V a.c. (pulse width less than tCYC/2) for I < 20 mA, once per cycle.
Truth Table(1)
NOTE:
1. H = VIH, L = VIL, X = Don't care.
Symbol
Rating
Value
Unit
VDD
Supply Voltage Relative to
VSS
-0.5 to +4.6
V
VIN, VOUT
Terminal Voltage Relative to
VSS
-0.5 to VDD+0.5
V
TBIAS
Temperature Under Bias
-55 to +125
oC
TSTG
Storage Temperature
-55 to +125
oC
PT
Power Dissipation
1
W
IOUT
DC Output Current
50
mA
6478 tbl 04
Grade
Temperature
VSS
VDD
Commercial
0OC to +70OC0V
See Below
Industrial
–40OC to +85OC0V
See Below
6478 tbl 05
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
2.0
____
VDD+0.3(1)
V
VIL
Input Low Voltage
-0.3(2)
____
0.8
V
6478 tbl 06
CS
OE
WE
BLE
BHE
I/O0-I/O7
I/O8-I/O15
Function
H
X
X
X
X
High-Z
High-Z
Deselected - Standby
LL
H
L
H
DATAOUT
High-Z
Low Byte Read
LL
H
H
L
High-Z
DATAOUT
High Byte Read
LL
H
L
L
DATAOUT
DATAOUT
Word Read
LX
L
L
L
DATAIN
DATAIN
Word Write
L
X
LLH
DATAIN
High-Z
Low Byte Write
LX
LH
L
High-Z
DATAIN
High Byte Write
L
H
H
X
X
High-Z
High-Z
Outputs Disabled
L
X
X
H
H
High-Z
High-Z
Outputs Disabled
6478 tbl 03


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IDT71V416S3.3V CMOS Static RAM 4 Meg 256K x 16-Bit 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V416YS3.3V CMOS Static RAM 4 Meg 256K x 16-Bit 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V4163.3V CMOS STATIC RAM 4 MEG 256K x 16-BIT 1 2 Integrated Device Technology
IDT71V016SA3.3V CMOS Static RAM 1 Meg 64K x 16-Bit 1 2 3 4 5 MoreIntegrated Device Technology
IDT71V0163.3V CMOS Static RAM 1 Meg 64K x 16-Bit 1 2 3 4 5 MoreIntegrated Device Technology
IC61LV25616256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Circuit Solution Inc
IDT71V428S3.3V CMOS Static RAM 4 Meg 1M x 4-Bit 1 2 3 4 5 MoreIntegrated Device Technology
61LV25616AL256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
IDT71V124SA3.3V CMOS Static RAM 1 Meg 128K x 8-Bit Center Power & Ground Pinout 1 2 3 4 5 MoreIntegrated Device Technology
IDT71028CMOS STATIC RAM 1 MEG 256K x 4-BIT 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn