Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX267AK Datasheet(PDF) 11 Page - Sony Corporation

Part # ICX267AK
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX267AK Datasheet(HTML) 11 Page - Sony Corporation

Back Button ICX267AK Datasheet HTML 7Page - Sony Corporation ICX267AK Datasheet HTML 8Page - Sony Corporation ICX267AK Datasheet HTML 9Page - Sony Corporation ICX267AK Datasheet HTML 10Page - Sony Corporation ICX267AK Datasheet HTML 11Page - Sony Corporation ICX267AK Datasheet HTML 12Page - Sony Corporation ICX267AK Datasheet HTML 13Page - Sony Corporation ICX267AK Datasheet HTML 14Page - Sony Corporation ICX267AK Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
– 11 –
ICX267AK
Readout modes
The diagram below shows the output methods for the following three readout modes.
9 (V2A)
8 (V2B)
7 (V2B)
6 (V2A)
5 (V2A)
4 (V2B)
3 (V2B)
2 (V2A)
1 (V2A)
VOUT
9 (V2A)
8 (V2B)
7 (V2B)
6 (V2A)
5 (V2A)
4 (V2B)
3 (V2B)
2 (V2A)
1 (V2A)
VOUT
9 (V2A)
8 (V2B)
7 (V2B)
6 (V2A)
5 (V2A)
4 (V2B)
3 (V2B)
2 (V2A)
1 (V2A)
VOUT
Progressive scan mode
High frame rate readout mode
High frame rate readout two pixels
addition mode
1. Progressive scan mode
In this mode, all pixels signals are output in non-interlace format in 1/15s.
The vertical resolution is approximately 800 TV-lines and all pixels signals within the same exposure period
are read out simultaneously, making this mode suitable for high resolution image capturing.
2. High frame rate readout mode
All effective areas are scanned in approximately 1/30s by reading out two out of four lines (3rd and 4th
lines, 7th and 8th lines). The vertical resolution is approximately 400 TV-lines.
This readout mode emphasizes processing speed over vertical resolution.
3. High frame rate readout two pixels addition mode
All effective areas are scanned in approximately 1/30s by reading out two out of four lines (3rd and 4th
lines, 7th and 8th lines), and by reading out two out of the remaining four lines (1st and 2nd lines, 5th and
6th lines) after shifting the vertical register by 2 bits, and adding them in the vertical register.


Similar Part No. - ICX267AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX267AL SONY-ICX267AL Datasheet
279Kb / 26P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor
More results

Similar Description - ICX267AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX074AK SONY-ICX074AK Datasheet
243Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX274AQF SONY-ICX274AQF Datasheet
931Kb / 72P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AK SONY-ICX098AK Datasheet
368Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098BQ SONY-ICX098BQ Datasheet
328Kb / 21P
   Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com