Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1151 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP1151
Description  200mA Output,High PSRR,Low Noise LDO Regulator Adjustable Output Voltage Type
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1151 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP1151 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
[AP1151]
015000867-E-01
- 7 -
2017/03
10.
Electrical Characterisics
 Electrical Characteristics of Ta=Tj=25
°C
The parameters with min or max values will be guaranteed at Ta=Tj=25°C.
(VIN=4.0V, R1=51kΩ, R2=68kΩ, VCONT=1.8V, Ta=Tj=25°C, unless otherwise specified.)
Parameter
Symbol
Condition
min
typ
max
Unit
FB Terminal Voltage
VFB
IOUT=5mA
1.250
1.270
1.290
V
Line Regulation
LinReg
∆V
IN=5V
-
0.0
5.0
mV
Load Regulation (Note 2)
LoaReg
IOUT=5mA~100mA
-
11
27
mV
IOUT=5mA~200mA
-
26
61
mV
Dropout Voltage
VDROP
IOUT=50mA
-
80
140
mV
IOUT=100mA
-
120
210
mV
IOUT=200mA
-
200
350
mV
Maximum Output Current
(Note 3)
IOUT(MAX)
When VOUT drops 0.3V
240
320
-
mA
Quiescent Current
IQ
IOUT=0mA
-
78
125
μA
Standby Current
ISTANDBY
VCONT=0V
-
0.0
0.1
μA
Ground Terminal Current
IGND
IOUT=50mA
-
1.0
1.8
mA
Control Terminal (VCONT)
VCONT Terminal Current
ICONT
VCONT=1.8V
-
5.0
15.0
μA
VCONT Terminal Voltage
VCONT
VOUT ON state
1.8
-
-
V
VOUT OFF state
-
-
0.35
V
Reference Value
NP Terminal Voltage
VNP
-
1.27
-
V
Output Voltage / Temp.
Vo/Ta
-
35
-
ppm
/
°C
Short Circuit Current
ISHORT
-
360
-
mA
Output Noise Voltage
VNOISE
CL=1.0mF, CNP=0.01mF
CFB=100pF, IOUT=30mA
-
34
-
μVr
ms
Ripple Rejection
R.R
CL=1.0mF, CNP=0.01mF
CFB=100pF, IOUT=10mA
f=1kHz
-
80
-
dB
Rise Time
tr
CL=1.0mF, CNP=0.001mF
CFB=100pF
VCONT : Pulse Wave (100Hz)
VCONT ON → VOUT×95% point
-
40
-
μs
Note 2. Load Regulation changes with output voltage.
The
value mentioned above is guaranteed with the condition at R1=51k
Ω, R2=68kΩ (set at V
OUT(TYP)=3.0V).
Note 3. The maximum output current is limited by power dissipation.


Similar Part No. - AP1151

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
   Input Adjustable Voltage LDO Regulator
logo
Asahi Kasei Microsystem...
AP1151ADS AKM-AP1151ADS Datasheet
1Mb / 28P
   14V Input Adjustable Voltage LDO Regulator
More results

Similar Description - AP1151

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
3PEAK INC.
TPL910 3PEAK-TPL910 Datasheet
578Kb / 17P
   1-A Output, High-PSRR, Low-Noise LDO Regulator
Rev.A.1
logo
Shenzhen Huazhimei Semi...
HM6213 HMSEMI-HM6213 Datasheet
969Kb / 7P
   Adjustable Output, Ultralow-Noise, High PSRR Low-Dropout CMOS Voltage Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
Asahi Kasei Microsystem...
AK1110AEU AKM-AK1110AEU_17 Datasheet
1Mb / 19P
   2ch Output, Ultra High PSRR, Ultra Low Noise LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com