Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1151 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP1151
Description  200mA Output,High PSRR,Low Noise LDO Regulator Adjustable Output Voltage Type
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1151 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP1151 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1151 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
[AP1151]
015000867-E-01
- 6 -
2017/03
8.
Absolute Maximum Ratings
Parameter
Symbol
min
max
Unit
Condition
Supply Voltage
VCC(MAX)
-0.4
16
V
Reverse Bias Voltage
VREV(MAX)
-0.4
6
V
VOUT(TYP)≦2.0V
-0.4
14.5
V
2.0V≦VOUT(TYP)
FB Terminal Voltage
VFB(MAX)
-0.4
5
V
NP Terminal Voltage
VNP(MAX)
-0.4
5
V
VCONT Terminal Voltage
VCONT(MAX)
-0.4
16
V
Junction Temperature
Tj
-
150
°C
Storage Temperature Range
TSTG
-55
150
°C
Power Dissipation
SOT23-6
PD
-
500
mW
(Note 1)
PLP1822-6
1500
mW
(Note 1)
Note 1. A 4-layer JEDEC51-3 compliant board is used.
If the temperature exceeds 25°C, be sure to derate at
Figure 2.
SOT23-6
:
θ
JA =250°C /W (A 2-layer board is used.)
PLP1822-6
:
θ
JA =83°C /W
(A 4-layer JEDEC51-3 compliant board is used.)
WARNING: The maximum ratings are the absolute limitation values with the possibility of the IC breakage.
When the operation exceeds this standard quality cannot be guaranteed.
Figure 2. Maximum Power Dissipation
9.
Recommended Operating Conditions
Parameter
Symbol
min
typ
max
Unit
Condition
Operating Temperature
Range
Ta
-40
-
85
°C
Operating Voltage Range
VOP
2.1
-
14
V
Output Voltage Range
VOUT
1.3
-
13.5
V


Similar Part No. - AP1151

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
   Input Adjustable Voltage LDO Regulator
logo
Asahi Kasei Microsystem...
AP1151ADS AKM-AP1151ADS Datasheet
1Mb / 28P
   14V Input Adjustable Voltage LDO Regulator
More results

Similar Description - AP1151

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
   200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
3PEAK INC.
TPL910 3PEAK-TPL910 Datasheet
578Kb / 17P
   1-A Output, High-PSRR, Low-Noise LDO Regulator
Rev.A.1
logo
Shenzhen Huazhimei Semi...
HM6213 HMSEMI-HM6213 Datasheet
969Kb / 7P
   Adjustable Output, Ultralow-Noise, High PSRR Low-Dropout CMOS Voltage Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
Asahi Kasei Microsystem...
AK1110AEU AKM-AK1110AEU_17 Datasheet
1Mb / 19P
   2ch Output, Ultra High PSRR, Ultra Low Noise LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
   200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com