Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICM7101D Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ICM7101D
Description  LOW COST SINGLE CHIP TELEPHONE IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICM7101D Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ICM7101D Datasheet HTML 1Page - List of Unclassifed Manufacturers ICM7101D Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM7101D Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM7101D Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM7101D Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM7101D Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM7101D Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM7101D Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM7101D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Rev. 2.0
ICmic reserves the right to change the specifications without prior notice
3
PIN DESCRIPTION
Pin No
Symbol
Description
1
AGND
Analog Ground
2
VDD
Supply Voltage
3
VDDI
Supply Input Voltage
Power for the chip is extracted from this pin
4
GND
Ground
5
TXO
Transmit Output
Transmit output to be connected to external power transistor for the
modulation of line voltage and for shorting the line during make period of pulse
dialing.
6
VL
Line Voltage
7
LLC
Line Loss Compensation
0V = No LLC;
AGND=Low LLC;
VDD=High LLC.
8
FOPT0
Flash Option
FOPT0=0 - 100ms
FOPT0=1 - 600ms
9
MFL0
DTMF Level Option
MFL0=0 - Low DTMF (~ -8/-10dB for ZAC=600ohm)
MFL0=1 - High DTMF (~ -6/-8dB for ZAC=600ohm)
10
HS/DPB
Hook Switch Input and Dial Pulse Output
When off-hook, this pin is pulled high by the hook switch. During pulse dialing,
this pin is pulled low during break periods.
11
OSC1
Oscillator Input
3.58MHz ceramic resonator input.
12
OSC2
Oscillator Output
13
RGD
Ring Detection Input
Input for ring frequency detection.
14
MO
Melody Output
Melody pulse output for tone ringer.
15
16
17
18
C4
C3
C2
C1
Keypad Columns
Keypad column inputs.
19
20
21
22
R4
R3
R2
R1
Keypad Rows
Keypad rows. These pins are also used to determine the operating mode.
23
24
M2
M1
Microphone Inputs
Input for electret microphone.
25
CI
Complex Impedance and AC Impedance Input
Placing 47Kohm resistor between CI and AGND pins sets the AC impedance
around 600ohm. The higher the resistor the higher the AC impedance. Lower
resistor results in lower AC impedance.
26
RXO
Receive Output
These outputs drive a dynamic earpiece.
27
RXI
Receive Input
Input for received signal.
28
STB
Side Tone Balance Input
Side tone cancellation input.


Similar Part No. - ICM7101D

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7102B ICMIC-ICM7102B Datasheet
364Kb / 12P
   LOW COST SINGLE CHIP TELEPHONE IC
More results

Similar Description - ICM7101D

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7102B ICMIC-ICM7102B Datasheet
364Kb / 12P
   LOW COST SINGLE CHIP TELEPHONE IC
ICM7115 ICMIC-ICM7115 Datasheet
344Kb / 12P
   LOW COST SINGLE CHIP TELEPHONE IC WITH VOLUME CONTROL
logo
ATMEL Corporation
U3600BM ATMEL-U3600BM Datasheet
709Kb / 43P
   SINGLE CHIP CORDLESS TELEPHONE IC
U3600BM ATMEL-U3600BM_05 Datasheet
738Kb / 44P
   Single-chip Cordless Telephone IC
logo
ARTSCHIP ELECTRONICS CO...
AS2533 ARTSCHIP-AS2533 Datasheet
861Kb / 25P
   Multi-Standard CMOS Single Chip Telephone IC
logo
Sames
SA2532 SAMES-SA2532 Datasheet
583Kb / 22P
   VERSATILE SINGLE CHIP TELEPHONE
logo
SHENZHEN FUMAN ELECTRON...
TC2101 FUMAN-TC2101 Datasheet
756Kb / 15P
   Telephone IC
logo
Fujitsu Component Limit...
MB4509 FUJITSU-MB4509 Datasheet
676Kb / 19P
   TELEPHONE IC
logo
Panasonic Semiconductor
AN6591FJM PANASONIC-AN6591FJM Datasheet
391Kb / 21P
   Transmission / reception, single chip PLL IC for PHS, cordless telephone
logo
Assmann Electronics Inc...
A48-LCG-T-R ASSMANN-A48-LCG-T-R Datasheet
200Kb / 1P
   LOW COST IC SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com